Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101308 Datasheet(PDF) 2 Page - Belden Inc.

Part # AX101308
Description  CAT5E Modular Jack, RJ45, KeyConnect Style
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX101308 Datasheet(HTML) 2 Page - Belden Inc.

  AX101308 Datasheet HTML 1Page - Belden Inc. AX101308 Datasheet HTML 2Page - Belden Inc. AX101308 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Rear Connection Durability: 20 terminations
Connector/Hardware Retention:
20 lbs
Plug/Connector Retention:
11.250 lbs
Standards
Data Category:
Category 5e
TIA/EIA Compliance:
Category 5 - ISO/IEC 11801:2002 Ed.2
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
Third Party Performance Verification:
ETL - Verified Category 5e
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS):
Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, c(UL)us Listed
Related Part Numbers
Related Parts:
Compatible with KeyConnect Faceplates, Adapters, Boxes and Patch Panels
Variants
Item #
Color
Packaging
AX101308
Almond
Single Pack
AX101308-B24 Almond
Bulk Pack (24)
AX101310
Black
Single Pack
AX101310-B24 Black
Bulk Pack (24)
AX104186
Blue
Single Pack
AX104186-B24 Blue
Bulk Pack (24)
AX104188
Brown
Single Pack
AX104188-B24 Brown
Bulk Pack (24)
AX101309
Electric White Single Pack
AX101309-B24 Electric White Bulk Pack (24)
AX101307
Gray
Single Pack
AX101307-B24 Gray
Bulk Pack (24)
AX104185
Green
Single Pack
AX104185-B24 Green
Bulk Pack (24)
AX103079
Ivory
Single Pack
AX103079-B24 Ivory
Bulk Pack (24)
AX104182
Orange
Single Pack
AX104182-B24 Orange
Bulk Pack (24)
AX104187
Purple
Single Pack
AX104187-B24 Purple
Bulk Pack (24)
AX104183
Red
Single Pack
AX104183-B24 Red
Bulk Pack (24)
AX101315
TIA Blue
Single Pack
AX101317
TIA Brown
Single Pack
AX101314
TIA Green
Single Pack
AX101311
TIA Orange
Single Pack
AX101316
TIA Purple
Single Pack
AX101312
TIA Red
Single Pack
AX101313
TIA Yellow
Single Pack
AX104184
Yellow
Single Pack
AX104184-B24 Yellow
Bulk Pack (24)
Product Notes
Included Parts:
1 T-Bar
Notes:
Please see Installation Guide PX103329
History
Update and Revision:
Revision Number: 0.359 Revision Date: 05-10-2023



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com