Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX100646 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX100646
Description  EZ-MDVO Modular Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX100646 Datasheet(HTML) 1 Page - Belden Inc.

  AX100646 Datasheet HTML 1Page - Belden Inc. AX100646 Datasheet HTML 2Page - Belden Inc. AX100646 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: EZ-MDVO JACKS
EZ-MDVO Modular Jack
Product Description
EZ-MDVO Jacks are available in several colors and wiring schemes.
Technical Specifications
Product Overview
Suitable Applications:
IBDN System 1200, TIA Category 5e, ISO Class D, 1000BASE-T
Physical Characteristics (Overall)
Height:
0.71 in
Width:
0.75 in
Depth:
1.25 in
Wiring Scheme:
T568A/B
Packaging:
Individually packaged in a plastic bag. Standard pack of 50 units.
Weight:
0.013 lbs
Connectors
Materials
Description
Material
Type
Front Connection Copper Alloy with 50 µ inch Gold over Nickel Lead Frame
Rear Connection
Copper Alloy with Nickel Plating
IDC
Connector Body
Plastic - UL940V-0
Electrical Characteristics
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Termination Resistance:
2.5 mOhm
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Footprint/Type:
MDVO
Plug /Jack Compatibility:
RJ45, RJ11
Termination Front Connection:
Mated Connection
Termination Front Connection Durability: 1,000 cycles
Termination Rear Connection:
Gas Tight IDC Connection
Termination Rear Connection Durability: 20 terminations


Similar Part No. - AX100646

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX100646 ETC2-AX100646 Datasheet
110Kb / 3P
CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue
More results

Similar Description - AX100646

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TTEZNH10PE90T SWITCH-TTEZNH10PE90T Datasheet
193Kb / 3P
EZ NORM JACK
logo
List of Unclassifed Man...
AX101045 ETC2-AX101045 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - MDVO style
AX101046 ETC2-AX101046 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - MDVO style
AX101047 ETC2-AX101047 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - MDVO style
AX101071 ETC2-AX101071 Datasheet
109Kb / 3P
Modular Connectors - CAT6 Modular Jack - MDVO style
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
Modular jack
logo
List of Unclassifed Man...
AX100653 ETC2-AX100653 Datasheet
110Kb / 3P
CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue
logo
CUI INC
CRJ004-ML1-TH CUI-CRJ004-ML1-TH Datasheet
350Kb / 4P
MODULAR JACK
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
MODULAR JACK
logo
CUI Devices
CRJ059-L1-TH CUID-CRJ059-L1-TH Datasheet
350Kb / 3P
MODULAR JACK
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com