Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX104156 Datasheet(PDF) 2 Page - Belden Inc.

Part # AX104156
Description  10GX Modular Jack, Category 6A, RJ45, KeyConnect Style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX104156 Datasheet(HTML) 2 Page - Belden Inc.

  AX104156 Datasheet HTML 1Page - Belden Inc. AX104156 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Rear Connection Durability: 20 terminations
Cable/Connector Retention:
15 lbs.
Connector/Hardware Retention:
20 lbs
Plug/Connector Retention:
11.250 lbs
Standards
Data Category:
Category 6A
TIA/EIA Compliance:
Category 6A - TIA 568.2-D, ISO/IEC 11801:2002 Amendment 2
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
Third Party Performance Verification:
ETL - Verified Category 6A
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS):
Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, c(UL)us Listed
Related Part Numbers
Related Parts:
Compatible with KeyConnect Faceplates, Adapters, Boxes and Patch Panels
Variants
Item #
Color
Packaging
AX102281 Almond
Single Pack
AX102283 Black
Single Pack
AX104156 Blue
Single Pack
AX104158 Brown
Single Pack
AX102282 Electric White
Single Pack
AX102280 Gray
Single Pack
AX104155 Green
Single Pack
AX103073 Ivory
Single Pack
AX104152 Orange
Single Pack
AX104157 Purple
Single Pack
AX104232 Stainless Steel Individually packaged in a plastic bag. Standard pack of 50 units.
AX104233 Stainless Steel Individually packaged in a plastic bag. Standard pack of 50 units.
AX102288 TIA Blue
Single Pack
AX102290 TIA Brown
Single Pack
AX102287 TIA Green
Single Pack
AX102284 TIA Orange
Single Pack
AX102289 TIA Purple
Single Pack
AX102285 TIA Red
Single Pack
AX102286 TIA Yellow
Single Pack
AX104154 Yellow
Single Pack
Product Notes
Included Parts:
1 X-Bar
Notes:
Please see Installation Guide PX103771
History
Update and Revision:
Revision Number: 0.304 Revision Date: 05-10-2023
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com