Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101326 Datasheet(PDF) 2 Page - Belden Inc.

Part # AX101326
Description  CAT6 Modular Jack, RJ45, KeyConnect Style
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX101326 Datasheet(HTML) 2 Page - Belden Inc.

  AX101326 Datasheet HTML 1Page - Belden Inc. AX101326 Datasheet HTML 2Page - Belden Inc. AX101326 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Rear Connection Durability: 20 terminations
Connector/Hardware Retention:
20 lbs
Plug/Connector Retention:
11.250 lbs
Standards
Data Category:
Category 6
TIA/EIA Compliance:
Category 6 - TIA 568.2-D, ISO/IEC 11801:2002 Ed.2
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
Third Party Performance Verification:
ETL - Verified Category 6
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS):
Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, c(UL)us Listed
Related Part Numbers
Related Parts:
Compatible with KeyConnect Faceplates, Adapters, Boxes and Patch Panels
Variants
Item #
Color
Packaging
AX101319
Almond
Single Pack
AX101319-B24 Almond
Bulk Pack (24)
AX101321-B24 Black
Bulk Pack (24)
AX104193-B24 Blue
Bulk Pack (24)
AX104195
Brown
Single Pack
AX104195-B24 Brown
Bulk Pack (24)
AX101320
Electric White Single Pack
AX101320-B24 Electric White Bulk Pack (24)
AX101318
Gray
Single Pack
AX101318-B24 Gray
Bulk Pack (24)
AX104192
Green
Single Pack
AX104192-B24 Green
Bulk Pack (24)
AX103076-B24 Ivory
Bulk Pack (24)
AX103076
Ivory
Single Pack
AX104189
Orange
Single Pack
AX104189-B24 Orange
Bulk Pack (24)
AX104194
Purple
Single Pack
AX104194-B24 Purple
Bulk Pack (24)
AX104190
Red
Single Pack
AX104190-B24 Red
Bulk Pack (24)
AX101326
TIA Blue
Single Pack
AX101328
TIA Brown
Single Pack
AX101325
TIA Green
Single Pack
AX101322
TIA Orange
Single Pack
AX101327
TIA Purple
Single Pack
AX101323
TIA Red
Single Pack
AX101324
TIA Yellow
Single Pack
AX104191
Yellow
Single Pack
AX104191-B24 Yellow
Bulk Pack (24)
Product Notes
Included Parts:
1 T-Bar
Notes:
Please see Installation Guide PX103329
History
Update and Revision:
Revision Number: 0.296 Revision Date: 05-10-2023



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com