Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-2P-RMTKIT2CS-001 Datasheet(PDF) 6 Page - Extreme Networks.

Part # XN-2P-RMTKIT2CS-001
Description  Simplified edge switch operation powered by ExtremeXOS aggregation switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RMTKIT2CS-001 Datasheet(HTML) 6 Page - Extreme Networks.

  XN-2P-RMTKIT2CS-001 Datasheet HTML 1Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 2Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 3Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 4Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 5Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 6Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 7Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 8Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Environmental
Environmental Compliance
• EU RoHS – 2011/65/EU
• EU WEEE – 2012/19/EU
• China RoHS – SJ/T 11363-2006
• Taiwan RoHS CNS 15663(2013.7)
Packaging and Storing Specifications
• Temp: -40°C to 70°C (-40°F to 158°F)
• Humidity: 10% to 95% relative humidity, non-condensing
• Packaged Shock (half sine): 180 m/s2 (18 G), 6 ms, 600 shocks
• Packaged Vibration: 5 to 62 Hz at velocity 5 mm/s, 62 to 500 Hz
at 0.2 G
• Packaged Random Vibration: 5 to 20 Hz at 1.0 ASD w/–3 dB/
oct. from 20 to 200 Hz
• Packaged Drop Height: 14 drops minimum on sides and
corners at 42 inches (<15 kg box)
• IEC 60068-2-2 class s3 (transportation conditions)
• IEC 60255-21-1
• IEC 60255-21-2
Regulatory and Safety
North American ITE
• UL 60950-1 2nd edition Listed Device (U.S.)
• CSA 22.2 No. 60950-1 2nd edition 2014(Canada)
• UL/CuL 62368-1
• Complies with FCC 21CFR 1040.10 (U.S. Laser Safety)
• CDRH Letter of Approval (US FDA Approval)
European ITE
• EN 60950 2nd Ed
• EN 62368-1
• EN 60825 Class 1 (Lasers Safety)
• 2014/35/ EU Low Voltage Directive
International ITE
• CB Report & Certificate per IEC 60950-1 + National Differences
• IEC 62368-1
• AS/NZS 60950-1 (Australia /New Zealand)
 
 
 
EMI/EMC Standards
North American EMC Certifications
• FCC CFR 47 part 15 Class A (USA)
• ICES-003 Class A (Canada)
European EMC Certifications
• EN 55032: Class A
• EN 55024
• EN 55011
• EN 61000-3-2: 2014 (Harmonics)
• EN 61000-3-3: 2013 (Flicker)
• EN 300 386 (EMC Telecommunications)
• 2014/30/EU EMC Directive
International EMC Certifications
• CISPR 32: Class A (International Emissions)
• AS/NZS CISPR32
• CISPR 24: Class A (International Immunity)
• IEC 61000-4-2/EN 61000-4-2: Electrostatic Discharge, 6kV
Contact, 8 kV Air, Criteria B
• IEC 61000-4-3/EN 61000-4-3 Radiated Immunity 10V/m,
Criteria A
• IEC 61000-4-4/EN 61000-4-4 Transient Burst, 2 kV, Criteria B
• IEC 61000-4-5/EN 61000-4-5 Surge, 1 kV L-L, 2 kV L-G, Level 3,
Criteria B
• IEC 61000-4-6/EN 61000-4-6 Conducted Immunity, 0.15-80
MHz, 7Vrms, 80%AM (1kHz) Criteria A
• IEC/EN 61000-4-11 Power Dips & Interruptions, >30%, 25
periods, Criteria C
Country Specific Certifications
• VCCI Class A (Japan Emissions)
• ACMA RCM (Australia Emissions)
• CCC Mark
• KCC Mark, EMC Approval (Korea)
• BSMI (Taiwan)
• Anatel (Brazil)
• NRCS LoA (South Africa)
 
 
 
 
 
 
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com