Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 8 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  High-Performance Fabric-Enabled Core and Aggregation Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 8 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 7Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 8Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering Information
VSP 7400 Series Systems
Part Number
Product Name
Product Description
VSP 7400 Series Systems
VSP7400-32C
VSP 7432CQ
VSP 7400, 32 X l00Gbps QSFP28 ports, 8-core CPU, 16GB RAM, 128GB SSD, 4-post rack
mount kit, No PSU, No Fans
VSP7400-32C-AC-F
VSP 7432CQ-F
VSP 7400, 32 X l00Gbps QSFP28 ports, 8-core CPU, 16GB RAM, 128GB SSD, Single 750W
AC PSU, six fans, 4-post rack mount kit, Front to Back Airflow
VSP7400-32C-AC-R
VSP 7432CQ-R
VSP 7400, 32 X l00Gbps QSFP28 ports, 8-core CPU, 16GB RAM, 128GB SSD, Single 750W
AC PSU, six fans, 4-post rack mount kit, Back to Front Airflow
VSP7400-48Y-8C
VSP7400-48Y-8C
VSP 7400, 48 X 1/10/25Gbps SFP28 ports, 8 x l00Gbps QSFP28 ports. 8-core CPU, 16GB
RAM, 128GB SSD, 4-post rack mount kit, No PSU, No Fans
VSP7400-48Y-8C-
AC-F
VSP7400-48Y-8C-AC-F
VSP 7400, 48 X 1/10/25Gbps SFP28 ports, 8 x l00Gbps QSFP28 ports. 8-core CPU, 16GB
RAM, 128GB SSD, Single 750W AC PSU. six fans. 4-post rack mount kit, Front to Back
Airflow
VSP7400-48Y-8C-
AC-R
VSP7400-48Y-8C-AC-R
VSP 7400, 48 X 1/10/25Gbps SFP28 ports, 8 x l00Gbps QSFP28 ports. 8-core CPU, 16GB
RAM, 128GB SSD, Single 750W AC PSU. six fans. 4-post rack mount kit, Back to Front
Airflow
VSP 7400 Accessories
Part Number
Product Name
Product Description
XN-FAN-001-F
VSP/SLX Front to Back Fan
Single Fan module, Front-to-Back Airflow supported on VSP7400
XN-FAN-001-R
VSP/SLX Back to Front Fan
Single Fan module, Back-to-Front Airflow supported on VSP7400
XN-ACPWR-750W-F
VSP/SLX 750W AC PSU Front to Back
airflow
AC 750W PSU, Front-to-Back Airflow supported on VSP 7400
XN-ACPWR-750W-R
VSP/SLX 750W AC PSU Back to Front
airflow
AC 750W PSU, Back-to-Front Airflow supported on VSP 7400
XN-DCPWR-750W-F
VSP/SLX 750W DC PSU Front to Back
airflow
DC 750W PSU, Front-to-Back Airflow supported on VSP 7400
XN-DCPWR-750W-R
VSP/SLX 750W DC PSU Back to Front
airflow
DC 750W PSU, Back-to-Front Airflow supported on VSP 7400
XN-2P-RKMT299
Two Post Rail Kit VSP 7400, SLX9150
Spare two post rack mount rail kit supported on VSP 7400
XN-4P-RKMT298
Four Post Rail Kit VSP 7400, SLX9150
Spare four post rack mount rail kit supported on VSP 7400
Firmware Licenses
Part Number
Product Name
Product Description
VSP-PRMR-LIC-P
VSP Premier License
VSP 7400 Premier Feature LIcense (includes Insight Architecture)
www.extremenetworks.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com