Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS30DBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AS30DBRG4
Description  8-INPUT POSITIVE-NAND GATES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS30DBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AS30DBRG4 Datasheet HTML 1Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 2Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 3Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 4Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 5Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 6Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 7Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 8Page - Texas Instruments SN74AS30DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
8-INPUT POSITIVE-NAND GATES
SDAS010C – MARCH 1984 – REVISED NOVEMBER 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
SERIES 54ALS/74ALS AND 54AS/74AS DEVICES
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPLH
tPHL
LOAD CIRCUIT
FOR 3-STATE OUTPUTS
From Output
Under Test
Test
Point
S1
CL = 50 pF
(see Note A)
7 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
3 V
3 V
0 V
0 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
Input
Out-of-Phase
Output
(see Note C)
3 V
3 V
0 V
0 V
VOL
VOH
VOH
VOL
Output
Control
(low-level
enabling)
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
≈0 V
VOH
VOL
≈3 V
In-Phase
Output
0.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VCC
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
LOAD CIRCUIT FOR
BI-STATE TOTEM-POLE OUTPUTS
From Output
Under Test
Test
Point
CL = 50 pF
(see Note A)
500
Ω
500
Ω
500
Ω
500
Ω
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
tPHZ
tPZH
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. When measuring propagation delay items of 3-state outputs, switch S1 is open.
D. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%.
E. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com