Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2M43Z Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 2M43Z
Description  2.0 Watts Glass Passivated Junction Silicon Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M43Z Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  2M43Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M43Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M43Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M43Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in inches and (millimeters)
Version: A06
2M11Z - 2M200Z
2.0 Watts Glass Passivated Junction
Silicon Zener Diodes
DO-15
Features
UL Recognized File # E-96005
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Low profile package
Built-in strain relief
Excellent clamping capability
Typical to less than 1µA
High temperature soldering guaranteed: 260oC
/ 10 seconds / .375”,(9.5mm) lead length /
5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated lead free,,
solderable per mil-std-750, method 2026
Polarity: Color band denotes positive end
(cathode)
Weight: 0.04gram, 0.015 ounce
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm
( Note 1 )
PD
2.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)
( Note 2 )
IFSM
15
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
o
C
Notes:
1. Mounted on 5.0mm² (0.13mm thick) land areas.
2. Measured on 8.3ms Single half sine-wave of equivalent square wave, duty cycle=4 pulses
per minute maximum.


Similar Part No. - 2M43Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M43Z TSC-2M43Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M43Z TSC-2M43Z Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M43Z LUGUANG-2M43Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M43Z LUGUANG-2M43Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results

Similar Description - 2M43Z

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_13 Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M11Z LUGUANG-2M11Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M100Z LUGUANG-2M100Z Datasheet
4Mb / 4P
2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com