Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K248A-D006P-R-2BT Datasheet(PDF) 4 Page - KG Technologies, Inc.

Part # K248A-D006P-R-2BT
Description  HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K248A-D006P-R-2BT Datasheet(HTML) 4 Page - KG Technologies, Inc.

  K248A-D006P-R-2BT Datasheet HTML 1Page - KG Technologies, Inc. K248A-D006P-R-2BT Datasheet HTML 2Page - KG Technologies, Inc. K248A-D006P-R-2BT Datasheet HTML 3Page - KG Technologies, Inc. K248A-D006P-R-2BT Datasheet HTML 4Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K248_EN Rev 2.0
4
Application Notes
1. It is possible that during transit or final assembly the relay could change state. Therefore, it is recommended that
all relays be set to the desired state via a power supply.
2. In order to maintain an “Open” or “Closed” state of the relay, the coil voltage should reach the rated voltage. The
pulse width should be 50ms minimum to ensure a proper change of state. DO NOT energize both T1 and T3 at
the same time on a Dual Coil or energize the coil for longer than 1 minute (damage to the coil could occur).
3. Applying excessive heat to the relay terminals (soldering or welding) can cause damage to the internal structure
of the relay and should be avoided.
4. Moving or bending the terminals can cause damage to the internal structure of the relay and should be avoided.
5. For definitions of terms used in this data sheet, see glossary at www.kgtechnologies.net.
Disclaimer: This datasheet is for reference only. All specifications are subject to change without prior notice.
KG Technologies, Inc. cannot predict every possible application for our relays. While we do our best to make our relays
as versatile as possible, we highly recommend contacting our engineering team if you have any questions.
KG Technologies, Inc. is not responsible for malfunctioning relays when operated outside the specified parameters given
in this datasheet.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com