Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K248X-D006P-R-2BT Datasheet(PDF) 1 Page - KG Technologies, Inc.

Part # K248X-D006P-R-2BT
Description  HIGH POWER LATCHING RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K248X-D006P-R-2BT Datasheet(HTML) 1 Page - KG Technologies, Inc.

  K248X-D006P-R-2BT Datasheet HTML 1Page - KG Technologies, Inc. K248X-D006P-R-2BT Datasheet HTML 2Page - KG Technologies, Inc. K248X-D006P-R-2BT Datasheet HTML 3Page - KG Technologies, Inc. K248X-D006P-R-2BT Datasheet HTML 4Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
K248_EN Rev 2.0
1
K248
HIGH POWER LATCHING RELAY
•
320A Latching Relay
•
Electrical endurance: 6000 cycles
•
4kV dielectric strength between coil and contacts
•
According to ANSI C12.1
(Carrying current: 12kA / 66.7ms; 7kA /100ms)
•
Outline dimensions: (120.35 x 92.4 x 51.9)mm
•
Contact resistance: ≤0.15mΩ
•
RoHS compliant materials and process
Contact Data
Characteristics
Rated Load *
320A @ 240V
Insulation resistance
1,000MΩ (at 500 Vdc)
Contact form
2A or 2B
Dielectric strength:
Contact material
AgSnO2
Coil to contact
4kVac for 1 min.
Contact resistance †
0.15mΩ (at 320A) ‡
Across open contacts 2kVac for 1min.
Max. switching voltage 265 Vac
Dielectric creepage
9.6 mm
Max. carrying current
320 A
Ambient temperature
-40°C to +85°C
Max. switching current
320 A
Ambient humidity
5% - 85% RH
Rated switching power 76,800 VA
Vibration
1.5 mm (DA) 10 Hz to 55 Hz
Set time
≤ 30 ms
Shock resistance:
Reset time
≤ 30 ms
Functional §
98 m/s2
Electrical endurance **
6,000 cycles
Survival ††
980 m/s2
Mechanical endurance ‡‡ 100,000 cycles
Coil termination
PCB & QC
Construction
Dust Protected
Load termination
QC
Unit weight
1200g
* Load at which the relay can pass ANSI C12.1
† Data shown are initial values for each respective load contact pair
‡ Typical value for Initial Contact Resistance: Using a sample quantity of at least 20 units, take the average value from 5 continuous
measurements from each sample
§ Unit may change state but is still functional
** Applies to both Form 2A and Form 2B products; Power Factor: 1.0; 240Vac / 320A @ 23°C; Duty Cycle: 1s ON/ 9s OFF
†† Acceleration 980 m/s2 (Duration 6 ms)
‡‡ Duty Cycle: 1s ON/ 1s OFF @ 23°C


Similar Part No. - K248X-D006P-R-2BT

ManufacturerPart #DatasheetDescription
logo
NEC
K2480 NEC-K2480 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
K2485 NEC-K2485 Datasheet
118Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - K248X-D006P-R-2BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE6 HONGFA-HFE6 Datasheet
58Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com