Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7802 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ACT7802
Description  1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7802 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT7802 Datasheet HTML 3Page - Texas Instruments SN74ACT7802 Datasheet HTML 4Page - Texas Instruments SN74ACT7802 Datasheet HTML 5Page - Texas Instruments SN74ACT7802 Datasheet HTML 6Page - Texas Instruments SN74ACT7802 Datasheet HTML 7Page - Texas Instruments SN74ACT7802 Datasheet HTML 8Page - Texas Instruments SN74ACT7802 Datasheet HTML 9Page - Texas Instruments SN74ACT7802 Datasheet HTML 10Page - Texas Instruments SN74ACT7802 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74ACT7802
1024
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS187D – AUGUST 1990 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to a disabled 3-state output
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): FN package
39
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PN package
62
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
’ACT7802-25
’ACT7802-40
’ACT7802-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
IOH
High-level output current
–8
–8
–8
mA
IOL
Low-level output current
16
16
16
mA
TA
Operating free-air temperature
0
70
0
70
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = –8 mA
2.4
V
VOL
VCC = 4.5 V,
IOL = 16 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC§
VI = VCC – 0.2 V or 0
400
µA
∆ICC§
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ ICC tested with outputs open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com