Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-4 Datasheet(PDF) 1 Page - AG Electronica

Part # DIP-4
Description  DIP SWITCH DE 4 POSICIONES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

DIP-4 Datasheet(HTML) 1 Page - AG Electronica

  DIP-4 Datasheet HTML 1Page - AG Electronica DIP-4 Datasheet HTML 2Page - AG Electronica DIP-4 Datasheet HTML 3Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIP-4: DIP SWITCH DE 4 POSICIONES
Descripción
Interruptor DIP (DIP Switch en inglés), se trata de un conjunto de micro-interruptores eléctricos de
tipo palanca, presentados en un formato encapsulado, conformado por una carcasa rectangular y dos
filas paralelas de pines de conexión (denominado Dual In-line Package o DIP), el interruptor puede
montarse en los orificios de una placa de circuito impreso (PCB), insertarse en un zócalo o socket, o
montarse en una protoboard.
Especificaciones
Dip 4.
4 = Numero de interruptores.
8 Pines de conexión.
Interruptores deslizables.
Voltaje máximo: 24VCD.
Corriente máxima: 100mA.
Tamaño (aprox): 10.16 x 10 x 9 mm.
http://www.agelectronica.com
http://www.agelectronica.com


Similar Part No. - DIP-4

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
DIP-4761HT-01-1001FC IRCTT-DIP-4761HT-01-1001FC Datasheet
526Kb / 3P
TaNFilm짰 High Temperature DIP and SIP Networks
DIP-4761HT-01-1001FD IRCTT-DIP-4761HT-01-1001FD Datasheet
526Kb / 3P
TaNFilm짰 High Temperature DIP and SIP Networks
DIP-4761HT-01-1001FF IRCTT-DIP-4761HT-01-1001FF Datasheet
526Kb / 3P
TaNFilm짰 High Temperature DIP and SIP Networks
DIP-4761HT-01-1001GC IRCTT-DIP-4761HT-01-1001GC Datasheet
526Kb / 3P
TaNFilm짰 High Temperature DIP and SIP Networks
DIP-4761HT-01-1001GD IRCTT-DIP-4761HT-01-1001GD Datasheet
526Kb / 3P
TaNFilm짰 High Temperature DIP and SIP Networks
More results

Similar Description - DIP-4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
DIP Switch
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
Hammond Manufacturing L...
1421N4 HAMMOND-1421N4 Datasheet
61Kb / 1P
ENSEMBLES DE QUINCAILLERIE DE TYPE 4
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
DIP SWITCH
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
DIP SWITCH
11/23/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com