Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP136 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIP136
Description  PNP SILICON POWER DARLINGTONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP136 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIP136 Datasheet HTML 1Page - Power Innovations Ltd TIP136 Datasheet HTML 2Page - Power Innovations Ltd TIP136 Datasheet HTML 3Page - Power Innovations Ltd TIP136 Datasheet HTML 4Page - Power Innovations Ltd TIP136 Datasheet HTML 5Page - Power Innovations Ltd TIP136 Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP135, TIP136, TIP137
PNP SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
JUNE 1973 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Designed for Complementary Use with
TIP130, TIP131 and TIP132
q
70 W at 25°C Case Temperature
q
8 A Continuous Collector Current
q
Minimum hFE of 1000 at 4 V, 4 A
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.56 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = -5 mA, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = -20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP135
TIP136
TIP137
VCBO
-60
-80
-100
V
Collector-emitter voltage (IB = 0)
TIP135
TIP136
TIP137
VCEO
-60
-80
-100
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current
IC
-8
A
Peak collector current (see Note 1)
ICM
-12
A
Continuous base current
IB
-0.3
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
70
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2
W
Unclamped inductive load energy (see Note 4)
½LIC
2
75
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Similar Part No. - TIP136

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP136 MOSPEC-TIP136 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Transys Electronics
TIP136 TRSYS-TIP136 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP136 STMICROELECTRONICS-TIP136 Datasheet
41Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1995
logo
TRANSYS Electronics Lim...
TIP136 TEL-TIP136 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP136 ISC-TIP136 Datasheet
105Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results

Similar Description - TIP136

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
PNP SILICON POWER DARLINGTONS
BD896 POINN-BD896 Datasheet
151Kb / 6P
PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
TIP145 POINN-TIP145 Datasheet
114Kb / 6P
PNP SILICON POWER DARLINGTONS
TIPP115 POINN-TIPP115 Datasheet
87Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
PNP SILICON POWER DARLINGTONS
BW24 BOURNS-BW24 Datasheet
114Kb / 5P
PNP SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com