Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512SBN18 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SRI512SBN18
Description  13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512SBN18 Datasheet(HTML) 5 Page - STMicroelectronics

  SRI512SBN18 Datasheet HTML 1Page - STMicroelectronics SRI512SBN18 Datasheet HTML 2Page - STMicroelectronics SRI512SBN18 Datasheet HTML 3Page - STMicroelectronics SRI512SBN18 Datasheet HTML 4Page - STMicroelectronics SRI512SBN18 Datasheet HTML 5Page - STMicroelectronics SRI512SBN18 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SRI512
Part numbering
5/6
Part numbering
Note:
Devices are shipped from the factory with the memory content bits erased to 1.
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact your nearest ST Sales Office.
Revision history
Table 3.
Ordering Information Scheme
Example:
SRI512
–
W4
/ XXX
Device Type
SRI512
Package
W4 =180
µm ± 15 µm Unsawn Wafer
SBN18 = 180µm ± 15 µm Bumped and Sawn Wafer on 8-inch Frame
A3T = 38mm x 38mm Copper Antenna on Continuous Tape
A3S = 38mm x 38mm Copper Singulated Adhesive Antenna on Tape
A4T = 15mm x 15mm Copper Antenna on Continuous Tape
A4S = 15mm x 15mm Copper Singulated Adhesive Antenna on Tape
A5T = 42mm x 65mm Copper Antenna on Continuous Tape
A5S = 42mm x 65mm Copper Singulated Adhesive Antenna on Tape
Customer Code
XXX = Given by STMicroelectronics
Table 4.
Document revision history
Date
Revision
Changes
23-Mar-2006
1
Initial release.
18-Apr-2006
2
Added Memory mapping on page 4.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com