Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF4 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 31DF4
Description  3.0 AMPS. Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

31DF4 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  31DF4 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 31DF4 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 247 -
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
RATINGS AND CHARACTERISTIC CURVES (31DF4 THRU 31DF6)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
Single Phase
Half Wave 50 HZ
Inductive Load
0.375" (9.5mm)
Lead Length
LEAD TEMPERATURE. ( C)
O
0
0
25
50
75
100
125
150
175
1
2
3
4
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Tj=25 C
0
8.3ms Single Half
Sine Wave
JEDEC Method
1
10
5
10
50
100
50
100
200
NUMBER OF CYCLES AT 60 Hz
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
O
FORWARD VOLTAGE. (V)
1.4
1.6
1.8
2.0
2.1
0.01
0.03
0.1
0.3
1
3
10
30
100
1.5
1.7
1.9
40
30
20
20
2
3
30
80
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com