Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31DF6 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 31DF6
Description  3.0 AMPS. Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

31DF6 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  31DF6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 31DF6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
31DF4 - 31DF6
3.0 AMPS. Super Fast Rectifiers
DO-201AD
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, Lead free., solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 1.2 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
31DF4
31DF6
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
400
600
V
Maximum RMS Voltage
VRMS
280
420
V
Maximum DC Blocking Voltage
VDC
400
600
V
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @TA = 29
oC
(Note 1)
@TL = 109
oC
I(AV)
1.2
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
45
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.7
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage
@ TA=125
oC
IR
20
100
uA
Maximum Reverse Recovery Time (Note 3)
Trr
35
nS
Typical Thermal Resistance ( Note 2 )
RθJA
80
oC/W
Operating Temperature Range
TJ
-40 to +150
oC
Storage Temperature Range
TSTG
-40 to +150
oC
Notes:
1. Without Fin or P.C.Board..
2. Thermal Resistance from Junction to Ambient .375” (9.5mm) Lead Length.
3. Reverse recovery Test Condition: Ta = 25
℃, IFM=3A, di/dt = 50A / Us.


Similar Part No. - 31DF6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF6 NIEC-31DF6 Datasheet
23Kb / 2P
FRD - LOW POWER LOSS, HIGH EFFICIENCY
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
62Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
logo
Galaxy Semi-Conductor H...
31DF6 BILIN-31DF6 Datasheet
61Kb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF6 TSC-31DF6 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
31DF6 LUGUANG-31DF6 Datasheet
183Kb / 2P
3.0 AMP. Super Fast Rectifiers
More results

Similar Description - 31DF6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES3A TSC-ES3A Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3A TSC-ES3A_1 Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
SF31 TSC-SF31 Datasheet
70Kb / 2P
3.0 AMPS. Super Fast Rectifiers
SF31 TSC-SF31_1 Datasheet
253Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Yangzhou yangjie electr...
SF31 YANGJIE-SF31 Datasheet
781Kb / 2P
3.0 AMPS. SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4_10 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
SF31 TSC-SF31_10 Datasheet
570Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF31 LUGUANG-SF31 Datasheet
182Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF31G DYELEC-SF31G Datasheet
612Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
SF31GU DYELEC-SF31GU Datasheet
616Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com