Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ARS
Description  25.0 AMPS. High Current Button Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ARS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ARS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ARS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
5
2
10
20
50
100
50
100
500
1000
REVERSE VOLTAGE. (V)
Tj=25 C
0
f=1.0MHz
Vsig=50mVp-p
0.6
1.0
1.4
1.8
2.2
2.6
0.1
1.0
10
100
1000
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
2% DUTY CYCLE
0
0
20
40
60
80
100
120
140
0.1
0.6
0.4
0.2
1
6
4
2
10
60
40
20
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
RATINGS AND CHARACTERISTIC CURVES (AR(S)25 SERIES)
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG.4- TYPICAL JUNCTION CAPACITANCE
FIG.5- TYPICAL FORWARD CHARACTERISTICS
FIG.2- TYPICAL REVERSE CHARACTERISTICS
Version: A06
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
1
10
100
200
60
80
300
100
400
600
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Tj=25 C
0
Tj=150 C
0
cycle
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
125
135
145
155
175
165
0
10
20
30
40
50
CASE TEMPERATURE. ( C)
o
HALF SINE WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com