Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST36VF1602 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST36VF1602
Description  16 Megabit Concurrent SuperFlash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST36VF1602 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST36VF1602 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST36VF1602 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
© 2000 Silicon Storage Technology, Inc.
S71142
373-3 11/00
16 Megabit Concurrent SuperFlash
SST36VF1601 / SST36VF1602
Advance Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AC CHARACTERISTICS
TABLE 12: READ CYCLE TIMING PARAMETERS VDD = 2.7-3.6V
SST36VF1601/1602-70
SST36VF1601/1602-90
Symbol
Parameter
Min
Max
Min
Max
Units
TRC
Read Cycle Time
70
90
ns
TCE
Chip Enable Access Time
70
90
ns
TAA
Address Access Time
70
90
ns
TOE
Output Enable Access Time
35
45
ns
TCLZ1
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
20
30
ns
TOHZ1
OE# High to High-Z Output
20
30
ns
TOH1
Output Hold from Address Change
0
0
ns
TRP1
RESET# Pulse Width
500
500
ns
TRHR1
RESET# High before Read
50
50
ns
TRY1,2
RESET# Pin Low to Read Mode
20
20
µs
373 PGM T12.3
TABLE 13: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Word-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
40
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
30
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TBE
Block-Erase
25
ms
TSCE
Chip-Erase
100
ms
TBY1
RY/BY# Delay Time
90
ns
TRB1
RY/BY# Recovery Time
0
ns
Note: 1. This parameter is measured only for initial qualification and after the design or process change that could affect this parameter.
2. This parameter applies to Sector-Erase, Block-Erase and Program operations. This parameter does not apply to Chip-Erase.
373 PGM T13.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com