Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS25G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ARS25G
Description  25.0 AMPS. High Current Button Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ARS25G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ARS25G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ARS25G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
Features
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Low cost construction utilizing void-free molded
plastic technique
Low cost
Diffused junction
Low leakage
High surge capability
High temperature soldering guaranteed:
260
oC for 10 seconds
Mechanical Data
Case: Molded plastic case
Terminals:
Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208
Polarity: Color ring denotes cathode
Weight: 0.07 ounce, 1.8 grams
Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
ARS
25A
ARS
25B
ARS
25D
ARS
25G
ARS
25J
ARS
25K
ARS
25M
Type Number
Symbol AR
25A
AR
25B
AR
25D
AR
25G
AR
25J
AR
25K
AR
25M
Units
Maximum Recurrent Peak Revere Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@Tc = 150
oC
I(AV)
25
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method ) at TJ=150
oC
IFSM
400
A
M
aximum Instantaneous Forward Voltage
@ 25A
VF
1.0
V
Maximum DC Reverse Current @ Tc=25
oC
at Rated DC Blocking Voltage @ Tc=125
oC
IR
5.0
250
uA
uA
Typical Reverse Recovery Time (Note 2)
Trr
3.0
uS
Typical Junction Capacitance ( Note 1 )
TJ=25
oC
Cj
300
pF
Typical Thermal Resistance ( Note 3 )
RθJC
1.0
oC/W
Operating and Storage Temperature Range
TJ, TSTG
-50 to +175
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Thermal Resistance from Junction to Case, Singe Side Cooled.
AR(S)25 SERIES
25.0 AMPS. High Current Button Rectifiers
ARS
AR


Similar Part No. - ARS25G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ARS25G WTE-ARS25G Datasheet
51Kb / 3P
25A AUTOMOTIVE BUTTON DIODE
logo
List of Unclassifed Man...
ARS25G ETC-ARS25G Datasheet
68Kb / 2P
25.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Won-Top Electronics
ARS25G WTE-ARS25G Datasheet
68Kb / 3P
25A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
ARS25G TSC-ARS25G Datasheet
77Kb / 2P
25.0 AMPS. High Current Plastic Silicon Rectifiers
ARS25G TSC-ARS25G Datasheet
569Kb / 2P
25.0 AMPS. High Current Button Rectifiers
More results

Similar Description - ARS25G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR25 ETC-AR25 Datasheet
68Kb / 2P
25.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Taiwan Semiconductor Co...
ARS25 TSC-ARS25 Datasheet
77Kb / 2P
25.0 AMPS. High Current Plastic Silicon Rectifiers
AR35 TSC-AR35 Datasheet
289Kb / 2P
35.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50 Datasheet
290Kb / 2P
50.0 AMPS. High Current Button Rectifiers
logo
Yangzhou yangjie electr...
ARS25 YANGJIE-ARS25 Datasheet
756Kb / 2P
25.0 AMPS. HIGH CURRENT PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
AR25 TSC-AR25 Datasheet
560Kb / 2P
25.0 AMPS. High Current Button Rectifiers
AR35 TSC-AR35_10 Datasheet
562Kb / 2P
35.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50_10 Datasheet
556Kb / 2P
50.0 AMPS. High Current Button Rectifiers
ARS25 TSC-ARS25_10 Datasheet
569Kb / 2P
25.0 AMPS. High Current Button Rectifiers
ARS35 TSC-ARS35_10 Datasheet
563Kb / 2P
35.0 AMPS. High Current Button Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com