Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-10-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-10-R2
Description  WR-10 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-10-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-10-R2 Datasheet HTML 1Page - Eravant SAP-10-R2 Datasheet HTML 2Page - Eravant SAP-10-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-10-R2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.3
WR-10 Probe Antenna
SAP-10-R2 is a W-band probe antenna that operates from 75 GHz to
110 GHz. The antenna offers 6.5 dBi nominal gain and 115 degrees
typical half power beamwidth on the E-plane and 60 degrees typical half
power beamwidth on the H-plane. The antenna supports linear polarized
waveforms. The input of this antenna is a WR-10 waveguide with
UG387/U-M anti-cocking flange.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
75 GHz
110 GHz
Gain
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Side Lobes, E-Plane
-10 dB
Side Lobes, H-Plane
-14 dB
Return Loss
9 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Antenna Port
WR-10 Waveguide
Flange Type
UG-387/U-M Anti-Cocking Flange
Size
1.00” (L) x 0.75 (Ø)
Material
Brass
Finish
Gold Plated
Weight
0.4 Oz
Outline
AP-RW-A
ECCN
EAR99
FEATURES
•
Rectangular Waveguide Interface
•
Precisely Machined and Gold Plated
•
Linear Polarization
• High Return Loss
APPLICATIONS
•
Antenna Ranges
•
Antenna Gain Measurements
• System Setups
SUPPLEMENTAL DETAILS


Similar Part No. - SAP-10-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAP-12-R2 ERAVANT-SAP-12-R2 Datasheet
332Kb / 3P
WR-12 Probe Antenna
Rev 1.5
SAP-121F-R2 ERAVANT-SAP-121F-R2 Datasheet
346Kb / 4P
WR-12 Probe Antenna, 6.5 dBi Directivity with 1mm Coax Input
Rev 1.4
SAP-15-R2 ERAVANT-SAP-15-R2 Datasheet
317Kb / 3P
WR-15 Probe Antenna
Rev 1.5
SAP-19-R2 ERAVANT-SAP-19-R2 Datasheet
282Kb / 3P
WR-19 Probe Antenna
More results

Similar Description - SAP-10-R2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
logo
TDK Electronics
B57227K0333A001 TDK-B57227K0333A001 Datasheet
234Kb / 9P
Probe assemblies
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
Probe assemblies
logo
Schurter Inc.
PS1061 SCHURTER-PS1061 Datasheet
210Kb / 2P
PS 1061 Test Probe, 2 mm, 10 A
logo
Pasternack Enterprises,...
PE9858-20 PASTERNACK-PE9858-20 Datasheet
233Kb / 2P
WR-112 Standard Gain Horn Antenna Operates From 7.05 GHz to 10 GHz With a Nominal 20 dB Gain WR-112 Input
PE9858A-20 PASTERNACK-PE9858A-20 Datasheet
409Kb / 3P
WR-112 Waveguide Standard Gain Horn Antenna Operating From 7.05 GHz to 10 GHz With a Nominal
logo
ASM GmbH
CT6700 ASM-SENSOR-CT6700 Datasheet
1Mb / 4P
CURRENT PROBE
logo
Schurter Inc.
PS1061 SCHURTER-PS1061_V01 Datasheet
218Kb / 2P
PS 1061 Test Probe, 횠 2 mm, 10 A
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com