Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-121F-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-121F-R2
Description  WR-12 Probe Antenna, 6.5 dBi Directivity with 1mm Coax Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-121F-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-121F-R2 Datasheet HTML 1Page - Eravant SAP-121F-R2 Datasheet HTML 2Page - Eravant SAP-121F-R2 Datasheet HTML 3Page - Eravant SAP-121F-R2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SAP-121F-R2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/4
Final Rev 1.4
WR-12 Probe Antenna, 6.5 dBi Directivity with 1mm Coax Input
SAP-121F-R2 is an E-band probe antenna with a right angle (90°) 1 mm
(F) coax connector to cover the frequency range of 60 GHz to 90 GHz.
The antenna offers 6.5 dBi nominal directivity and 115 degrees typical
half power beamwidth on the E-plane and 60 degrees typical half power
beamwidth on the H-plane. The antenna supports linear polarized
waveforms.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
60 GHz
90 GHz
Directivity
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Side Lobes, E-Plane
-10 dB
Side Lobes, H-Plane
-14 dB
Return Loss
10 dB
Power Handling
10 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Antenna Port (F)
1.0 mm (F) Coax Connector
Size
2.20
” (L) x 0.75 (Ø)
Material
Brass
Connector Material
Stainless Steel
Finish
Gold Plated
Weight
0.8 Oz
Outline
AP-REC-R
ECCN
EAR99
FEATURES
•
In the Configuration
•
Linear Polarization
APPLICATIONS
•
Antenna Ranges
•
Antenna Directivity Measurements
•
System Setups
SUPPLEMENTAL DETAILS


Similar Part No. - SAP-121F-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAP-12-R2 ERAVANT-SAP-12-R2 Datasheet
332Kb / 3P
WR-12 Probe Antenna
Rev 1.5
More results

Similar Description - SAP-121F-R2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51059 PASTERNACK-PE51059 Datasheet
110Kb / 1P
Dome style Antenna 800-3000 MHz, 3-6.5 dBi
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51066 PASTERNACK-PE51066 Datasheet
392Kb / 1P
GPS Passive Antenna, 3.0 dBi
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
3.0 dBi ANTENNA
WAN10RSP HONEYWELL-WAN10RSP Datasheet
824Kb / 1P
5.0 dBi ANTENNA
logo
Level One
WAN-2185 LVL1-WAN-2185 Datasheet
221Kb / 3P
8.5 dBi Indoor/Outdoor Antenna
logo
Laird Tech Smart Techno...
R2T9-12 LSTD-R2T9-12 Datasheet
1Mb / 2P
Low Profile 12 dBi antenna gain
logo
Pulse A Technitrol Comp...
W3312 PULSE-W3312 Datasheet
656Kb / 12P
PCB Antenna with coax feed
W3312B0100 PULSE-W3312B0100 Datasheet
594Kb / 11P
PCB Antenna with coax feed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com