Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-19-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-19-R2
Description  WR-19 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-19-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-19-R2 Datasheet HTML 1Page - Eravant SAP-19-R2 Datasheet HTML 2Page - Eravant SAP-19-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-19-R2
Rev. 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
WR-19 Probe Antenna
Copyright © 2023 by Eravant
Description:
Model SAP-19-R2 is a U-band probe antenna that operates
from 40 GHz to 60 GHz. The antenna offers 6.5 dBi nominal
gain and 115 degrees typical half power beamwidth on the E-
plane and 60 degrees typical half power beamwidth on the H-
plane. The antenna supports linear polarized waveforms. The
input of this antenna is a WR-19 waveguide with UG-383/U-
M flange.
Features:
• Rectangular Waveguide Interface
• Precisely Machined and Gold Plated
• Linear Polarization
• High Return Loss
Applications:
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
40 GHz
60 GHz
Gain
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Side Lobes, E-Plane
-10 dB
Side Lobes, H-Plane
-14 dB
Return Loss
9 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Mechanical Specifications:
Item
Specification
Antenna Port
WR-19 Waveguide
Flange Type
UG-383/U-M Flange
Size
2.000” (L) x 1.125 (Ø)
Material
Brass
Finish
Gold Plated
Weight
1.2 Oz
Outline
AP-RU


Similar Part No. - SAP-19-R2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAP-10-R2 ERAVANT-SAP-10-R2 Datasheet
353Kb / 3P
WR-10 Probe Antenna
Rev 1.3
SAP-12-R2 ERAVANT-SAP-12-R2 Datasheet
332Kb / 3P
WR-12 Probe Antenna
Rev 1.5
SAP-121F-R2 ERAVANT-SAP-121F-R2 Datasheet
346Kb / 4P
WR-12 Probe Antenna, 6.5 dBi Directivity with 1mm Coax Input
Rev 1.4
SAP-15-R2 ERAVANT-SAP-15-R2 Datasheet
317Kb / 3P
WR-15 Probe Antenna
Rev 1.5
More results

Similar Description - SAP-19-R2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
logo
Wurth Elektronik GmbH &...
686612119001 WURTH-686612119001 Datasheet
252Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686620119001 WURTH-686620119001 Datasheet
251Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686630119001 WURTH-686630119001 Datasheet
251Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686712119001 WURTH-686712119001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686716119001 WURTH-686716119001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687630119002 WURTH-687630119002 Datasheet
244Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687720119002 WURTH-687720119002 Datasheet
243Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687740119002 WURTH-687740119002 Datasheet
243Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687750119002 WURTH-687750119002 Datasheet
243Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com