Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-34-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-34-R2
Description  WR-34 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-34-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-34-R2 Datasheet HTML 1Page - Eravant SAP-34-R2 Datasheet HTML 2Page - Eravant SAP-34-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-34-R2
Rev. 1.2
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
WR-34 Probe Antenna
Copyright © 2023 by Eravant
Description:
Model SAP-34-R2 is a WR-34 probe antenna that operates
from 22 GHz to 33 GHz. The antenna offers 6.5 dBi nominal
gain and 115 degrees typical half power beamwidth on the E-
plane and 60 degrees typical half power beamwidth on the H-
plane. The antenna supports linear polarized waveforms. The
input of this antenna is a WR-34 waveguide with UG-1530/U
flange.
Features:
• Rectangular Waveguide Interface
• Precisely Machined and Gold Plated
• Linear Polarization
• High Return Loss
Applications:
• 5G Systems
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
22 GHz
33 GHz
Gain
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Sidelobes, E-Plane
-10 dB
Sidelobes, H-Plane
-14 dB
Return Loss
10 dB
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Mechanical Specifications:
Item
Specification
Antenna Port
WR-34 Waveguide
Flange Type
UG-1530/U Flange
Material
Brass
Finish
Gold Plated
Weight
1 Oz
Size
3.40” (L) x 0.875 (W) x 0.875 (H)
Outline
AP-R3


Similar Part No. - SAP-34-R2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SAP-03 SOVICO-SAP-03 Datasheet
12Mb / 1P
DATA JACK PLATE
logo
Eravant
SAP-03-R2 ERAVANT-SAP-03-R2 Datasheet
301Kb / 3P
WR-03 Probe Antenna
Rev. 1.2
SAP-04-R2 ERAVANT-SAP-04-R2 Datasheet
234Kb / 3P
WR-04 Probe Antenna
Rev 1.2
SAP-05-R2 ERAVANT-SAP-05-R2 Datasheet
235Kb / 3P
WR-05 Probe Antenna
Rev 1.2
SAP-06-R2 ERAVANT-SAP-06-R2 Datasheet
234Kb / 3P
WR-06 Probe Antenna
Rev. 1.3
More results

Similar Description - SAP-34-R2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9851-10 PASTERNACK-PE9851-10 Datasheet
106Kb / 1P
STANDARD GAIN HORN WR-34
PE9851-15 PASTERNACK-PE9851-15 Datasheet
398Kb / 2P
STANDARD GAIN HORN WR-34
PE9851-20 PASTERNACK-PE9851-20 Datasheet
414Kb / 2P
STANDARD GAIN HORN WR-34
PEWGK1001 PASTERNACK-PEWGK1001 Datasheet
450Kb / 3P
WR-42, WR-34 Waveguide Gasket kit Square Cover
PE-W34SF005-12 PASTERNACK-PE-W34SF005-12_V01 Datasheet
550Kb / 4P
WR-34 Seamless Flexible Waveguide
PE-W34SF005-24 PASTERNACK-PE-W34SF005-24_V01 Datasheet
550Kb / 4P
WR-34 Seamless Flexible Waveguide
PE-W34SF005-36 PASTERNACK-PE-W34SF005-36_V01 Datasheet
552Kb / 4P
WR-34 Seamless Flexible Waveguide
PE-W34TF005-12 PASTERNACK-PE-W34TF005-12_V01 Datasheet
554Kb / 4P
WR-34 Twistable Flexible Waveguide
PE-W34TF005-24 PASTERNACK-PE-W34TF005-24_V01 Datasheet
554Kb / 4P
WR-34 Twistable Flexible Waveguide
PE-W34TF005-36 PASTERNACK-PE-W34TF005-36_V01 Datasheet
557Kb / 4P
WR-34 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com