Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP-42-R2 Datasheet(PDF) 1 Page - Eravant

Part # SAP-42-R2
Description  WR-42 Probe Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAP-42-R2 Datasheet(HTML) 1 Page - Eravant

  SAP-42-R2 Datasheet HTML 1Page - Eravant SAP-42-R2 Datasheet HTML 2Page - Eravant SAP-42-R2 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAP-42-R2
Rev. 1.3
www.eravant.com | 501 Amapola Avenue, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
WR-42 Probe Antenna
Copyright © 2023 by Eravant
Description:
Model SAP-42-R2 is a WR-42 probe antenna that
operates from 18 GHz to 26.5 GHz. The antenna
offers 6.5 dBi nominal gain and 115 degrees typical
half power beamwidth on the E-plane and 60
degrees typical half power beamwidth on the H-
plane. The antenna supports linear polarized
waveforms. The input of this antenna is a WR-42
waveguide with UG-595/U flange.
Features:
• Rectangular Waveguide Interface
• Precisely Machined
• Linear Polarization
• High Return Loss
Applications:
• Antenna Ranges
• Antenna Gain Measurements
• System Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
18 GHz
26.5 GHz
Gain
6.5 dBi
Polarization
Linear
3 dB Beamwidth, E-Plane
115°
3 dB Beamwidth, H-Plane
60°
Sidelobes, E-Plane
-10 dB
Sidelobes, H-Plane
-14 dB
Return Loss
10 dB
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
Mechanical Specifications:
Item
Specification
Antenna Port
WR-42 Waveguide
Flange Type
UG-595/U Flange
Material
Aluminum
Finish
Inner: Silver Plated, Outer: Black Paint
Weight
1 Oz
Size
4.20” (L) x 0.88” (W) x 0.88” (H)
Outline
AP-RK


Similar Part No. - SAP-42-R2

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SAP-03 SOVICO-SAP-03 Datasheet
12Mb / 1P
DATA JACK PLATE
logo
Eravant
SAP-03-R2 ERAVANT-SAP-03-R2 Datasheet
301Kb / 3P
WR-03 Probe Antenna
Rev. 1.2
SAP-04-R2 ERAVANT-SAP-04-R2 Datasheet
234Kb / 3P
WR-04 Probe Antenna
Rev 1.2
SAP-05-R2 ERAVANT-SAP-05-R2 Datasheet
235Kb / 3P
WR-05 Probe Antenna
Rev 1.2
SAP-06-R2 ERAVANT-SAP-06-R2 Datasheet
234Kb / 3P
WR-06 Probe Antenna
Rev. 1.3
More results

Similar Description - SAP-42-R2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9852-10 PASTERNACK-PE9852-10 Datasheet
254Kb / 2P
STANDARD GAIN HORN WR-42
PEWGK1001 PASTERNACK-PEWGK1001 Datasheet
450Kb / 3P
WR-42, WR-34 Waveguide Gasket kit Square Cover
PEWCR1004 PASTERNACK-PEWCR1004 Datasheet
541Kb / 5P
WR-42 Waveguide Circulator
PEWCT1007 PASTERNACK-PEWCT1007 Datasheet
400Kb / 5P
WR-42 Waveguide 50 dB Crossguide Coupler
PE-W42SF005-12 PASTERNACK-PE-W42SF005-12_V01 Datasheet
549Kb / 4P
WR-42 Seamless Flexible Waveguide
PE-W42SF005-24 PASTERNACK-PE-W42SF005-24_V01 Datasheet
550Kb / 4P
WR-42 Seamless Flexible Waveguide
PE-W42SF005-36 PASTERNACK-PE-W42SF005-36_V01 Datasheet
551Kb / 4P
WR-42 Seamless Flexible Waveguide
PE-W42TF005-12 PASTERNACK-PE-W42TF005-12_V01 Datasheet
541Kb / 4P
WR-42 Twistable Flexible Waveguide
PE-W42TF005-24 PASTERNACK-PE-W42TF005-24_V01 Datasheet
540Kb / 4P
WR-42 Twistable Flexible Waveguide
PE-W42TF005-36 PASTERNACK-PE-W42TF005-36_V01 Datasheet
541Kb / 4P
WR-42 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com