Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 65NF06
Description  N-channel 60V - 11.5m廓 - 60A - DPAK/TO-220 STripFET??II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

65NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  65NF06 Datasheet HTML 1Page - STMicroelectronics 65NF06 Datasheet HTML 2Page - STMicroelectronics 65NF06 Datasheet HTML 3Page - STMicroelectronics 65NF06 Datasheet HTML 4Page - STMicroelectronics 65NF06 Datasheet HTML 5Page - STMicroelectronics 65NF06 Datasheet HTML 6Page - STMicroelectronics 65NF06 Datasheet HTML 7Page - STMicroelectronics 65NF06 Datasheet HTML 8Page - STMicroelectronics 65NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2006
Rev 1
1/14
14
STD65NF06
STP65NF06
N-channel 60V - 11.5m
Ω - 60A - DPAK/TO-220
STripFET™ II Power MOSFET
General features
■ Standard level gate drive
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size”™
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD65NF06
60V
<14m
Ω
60A
STP65NF06
60V
<14m
Ω
60A
DPAK
1
2
3
TO-220
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD65NF06
D65NF06
DPAK
Tape & reel
STP65NF06
P65NF06
TO-220
Tube


Similar Part No. - 65NF06

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
65N-A MSYSTEM-65N-A Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
65N-H MSYSTEM-65N-H Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
ON Semiconductor
65N02R ONSEMI-65N02R Datasheet
76Kb / 8P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
May, 2005 ??Rev. 6
logo
VBsemi Electronics Co.,...
65N03G VBSEMI-65N03G Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Nell Semiconductor Co.,...
65N06 NELLSEMI-65N06 Datasheet
644Kb / 8P
N-Channel Power MOSFET
More results

Similar Description - 65NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
19-Jul-2006
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
N-channel 55V - 0.012Ω - 60A - DPAK STripFET™II Power MOSFET
25-Sep-2006
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STP60NF06 STMICROELECTRONICS-STP60NF06_07 Datasheet
277Kb / 12P
N-channel 60V - 0.014Ω - 60A TO-220 STripFET II??Power MOSFET
02-Mar-2007
STB60NF06L STMICROELECTRONICS-STB60NF06L_06 Datasheet
516Kb / 16P
N-channel 60V - 0.012Ω - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
N-channel 60V - 0.018Ω - 35A - DPAK STripFET??II Power MOSFET
20-Feb-2007
STB60NF06LT4 STMICROELECTRONICS-STB60NF06LT4 Datasheet
520Kb / 16P
N-channel 60V - 0.012廓 - 60A - TO-220/D2PAK/TO-220FP STripFET??II Power MOSFET
26-Jun-2006
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
10-Jan-2006
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com