Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103X6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32F103X6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F103X6 Datasheet HTML 24Page - STMicroelectronics STM32F103X6 Datasheet HTML 25Page - STMicroelectronics STM32F103X6 Datasheet HTML 26Page - STMicroelectronics STM32F103X6 Datasheet HTML 27Page - STMicroelectronics STM32F103X6 Datasheet HTML 28Page - STMicroelectronics STM32F103X6 Datasheet HTML 29Page - STMicroelectronics STM32F103X6 Datasheet HTML 30Page - STMicroelectronics STM32F103X6 Datasheet HTML 31Page - STMicroelectronics STM32F103X6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Electrical characteristics
STM32F103xx
28/67
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 9 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
5.3.4
Embedded reference voltage
The parameters given in Table 10 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 7.
Table 9.
Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.1
2.18 2.26
V
PLS[2:0]=000 (falling edge)
2
2.08 2.16
V
PLS[2:0]=001 (rising edge)
2.19 2.28 2.37
V
PLS[2:0]=001 (falling edge)
2.09 2.18 2.27
V
PLS[2:0]=010 (rising edge)
2.28 2.38 2.48
V
PLS[2:0]=010 (falling edge)
2.18 2.28 2.38
V
PLS[2:0]=011 (rising edge)
2.38 2.48 2.58
V
PLS[2:0]=011 (falling edge)
2.28 2.38 2.48
V
PLS[2:0]=100 (rising edge)
2.47 2.58 2.69
V
PLS[2:0]=100 (falling edge)
2.37 2.48 2.59
V
PLS[2:0]=101 (rising edge)
2.57 2.68 2.79
V
PLS[2:0]=101 (falling edge)
2.47 2.58 2.69
V
PLS[2:0]=110 (rising edge)
2.66 2.78
2.9
V
PLS[2:0]=110 (falling edge)
2.56 2.68
2.8
V
PLS[2:0]=111 (rising edge)
2.76 2.88
3
V
PLS[2:0]=111 (falling edge)
2.66 2.78
2.9
V
VPVDhyst
PVD hysteresis
100
mV
VPOR/PDR
Power on/power down reset
threshold
Falling edge
1.8
1.88 1.96
V
Rising edge
1.84 1.92
2.0
V
VPDRhyst
PDR hysteresis
40
mV
TRSTTEMPO Reset temporization
1
2.5
4.5
mS
Table 10.
Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
−45°C < T
A < +105°C
1.16
1.20
1.26
V
−45°C < T
A < +85°C
1.16
1.20
1.24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com