Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP151 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIP151
Description  NPN SILICON POWER DARLINGTONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP151 Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIP151 Datasheet HTML 1Page - Power Innovations Ltd TIP151 Datasheet HTML 2Page - Power Innovations Ltd TIP151 Datasheet HTML 3Page - Power Innovations Ltd TIP151 Datasheet HTML 4Page - Power Innovations Ltd TIP151 Datasheet HTML 5Page - Power Innovations Ltd TIP151 Datasheet HTML 6Page - Power Innovations Ltd TIP151 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
JUNE 1973 - REVISED MARCH 1997
TIP150, TIP151, TIP152
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
PARAMETER MEASUREMENT INFORMATION
Figure 1. Functional Test Circuit
Figure 2. Functional Test Waveforms
Figure 3. Switching Test Circuit
Driver and
Current
Limiting
Circuit
0.22
µµF
V z
24 V
L = 7 mH
100
Ω
Ω
0.2
Ω
Ω
TUT
Vclamp
Collector
Emitter
Voltage
16.6 ms
11.6 ms
0
0
0
0
Input
Signal
Base
Current
Collector
Current
24 V
IB
IC
40 V
12 V
0.056
Ω
Ω
IRF140
1 k
Ω
Ω
47
Ω
Ω
TUT
BY205-600
7 mH
Vclamp
Adjust for
I B
= 10 V
V in



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com