Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # B0520WS
Description  0.5AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0520WS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  B0520WS_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0520WS_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
RATINGS AND CHARACTERISTIC CURVES (B0520WS THRU B0530WS)
FIG.3- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. (V)
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
FIG.1- FORWARD CURRENT DERATING CURVE
TERMINAL TEMPERATURE ( C)
O
0
25
50
75
100
125
150
1.00
0.75
0.50
0.25
0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
100
10
1
0.1
0.01
0.001
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
T=100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
FIG. 5- TYPICAL TOTAL CAPACITANCE VS
REVERSE VOLTAGE
REVERSE VOLTAGE.(V)
0
5
101520
70
60
50
40
30
20
10
0
f=1.0MHz
Version: A06
FIG.2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
1
2
5
10
20
100
50
2
1
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
Per Leg (JEDEC Method)
T =T max
jj



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com