Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0520WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # B0520WS
Description  0.5AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B0520WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  B0520WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B0520WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
B0520WS - B0530WS
0.5AMP Surface Mount Schottky Barrier Rectifiers
SOD-323F
0.016(0.4)
0.008(0.2)
0.051(1.3)
0.047(1.2)
0.006(0.15)
0.002(0.05)
0.035(0.9)
0.031(0.8)
Features
Low power loss, high efficiency.
High current capability, low VF
Epitaxial construction.
Guard ring construction for transient protection
Available in lead free version
Mechanical Data
Case: SOD-323F, plastic
Case material – UL Flammability Rating
Classification 94V-0
Moisture sensitivity: Level 1 per J-STD-020A
Polarity: Cathode Band
Terminals: Solderable per MIL-STD-202,
Method 208
Marking: Cathode Band and Type Code
Type Code: SD, SE
Weight: 0.004 grams (approx.)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
B0520WS
B0530WS
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
RRM
V
RWM
V
R
20
30
V
RMS Reverse Voltage
VR(RMS)
14
21
V
Average Rectified Cureent
@ TL=100
OC
Io
0.5
A
Non-repetitive Peak Forward Surge Current
8.3ms Single half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
2
A
Power Dissipation (Note 1)
Pd
235
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
426
oC /W
Operating and Storage Temperature Range
TJ, TSTG
-40 to + 125
oC
Electrical Characteristics
Type Number
Symbol
Min
Typ
Max
Units
Reverse Breakdown Voltage
(Note 2)
IR=500uA
V(BR)R
30
V
Leakage Current
(Note 2)
VR=15V
VR=20V
VR=30V
IR
80
100
500
uA
Forward Voltage Drop (Note 2)
IF=0.1A
IF=0.5A
VF
-
0.45
0.36
0.47
V
Junction Capacitance
VR=0, f=1MHz
Cj
58
pF
Notes:
1. Valid Provided that Leads are Kept at Ambient Temperature.
2. Short duration test pulse used to minimize self-heating effect.


Similar Part No. - B0520WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
63Kb / 2P
0.4 amp Schottky Low Forward Voltage Rectifier: B0520WS -- First SOD-323 Rectifier Product
B0520WS DIODES-B0520WS Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30235 Rev. 10 - 2
logo
Taiwan Semiconductor Co...
B0520WS TSC-B0520WS Datasheet
51Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B0520WS DIODES-B0520WS Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 12 - 2 June 2008
logo
Weitron Technology
B0520WS WEITRON-B0520WS Datasheet
485Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - B0520WS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520LW TSC-B0520LW Datasheet
566Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS551V-30 SECOS-SCS551V-30 Datasheet
444Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
B0520LW LUGUANG-B0520LW Datasheet
174Kb / 2P
0.5AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_13 Datasheet
245Kb / 4P
0.5AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS551V SECOS-SCS551V_15 Datasheet
445Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS520P CHENG-YI-SCS520P Datasheet
134Kb / 2P
0.5AMP Schottky Barrier Rectifiers
SCS551V CHENG-YI-SCS551V Datasheet
467Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052-C SECOS-MSCD052-C Datasheet
157Kb / 3P
0.5Amp Surface Mount Schottky Barrier Rectifiers
logo
Rectron Semiconductor
B0520LW RECTRON-B0520LW Datasheet
283Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
B0520LWV RECTRON-B0520LWV Datasheet
335Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com