Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFX00007 Datasheet(PDF) 13 Page - Arduino

Part # AFX00007
Description  Arduino Opta® Analog Expansion
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARDUINO [Arduino]
Direct Link  https://www.arduino.cc/
Logo ARDUINO - Arduino

AFX00007 Datasheet(HTML) 13 Page - Arduino

Back Button AFX00007 Datasheet HTML 7Page - Arduino AFX00007 Datasheet HTML 8Page - Arduino AFX00007 Datasheet HTML 9Page - Arduino AFX00007 Datasheet HTML 10Page - Arduino AFX00007 Datasheet HTML 11Page - Arduino AFX00007 Datasheet HTML 12Page - Arduino AFX00007 Datasheet HTML 13Page - Arduino AFX00007 Datasheet HTML 14Page - Arduino AFX00007 Datasheet HTML 15Page - Arduino  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Arduino Opta® Analog Expansion
13 / 15
Arduino Opta® Analog Expansion
Modified: 15/11/2024
7 Certifications
7.1 Certifications Summary
Cert
Arduino Opta® Analog Expansion (AFX00007
CE (EU)
EN IEC 61326-1:2021, EN IEC 61010 (LVD)
CB (EU)
Yes
WEEE (EU)
Yes
REACH (EU)
Yes
UKCA (UK)
EN IEC 61326-1:2021
FCC (US)
Yes
cULus
UL 61010-2-201
7.2 Declaration of Conformity CE DoC (EU)
We declare under our sole responsibility that the products above are in conformity with the essential requirements
of the following EU Directives and therefore qualify for free movement within markets comprising the European
Union (EU) and European Economic Area (EEA).
7.3 Declaration of Conformity to EU RoHS & REACH 211 01/19/2021
Arduino boards are in compliance with RoHS 2 Directive 2011/65/EU of the European Parliament and RoHS 3
Directive 2015/863/EU of the Council of 4 June 2015 on the restriction of the use of certain hazardous substances in
electrical and electronic equipment.
Substance
Maximum limit (ppm)
Lead (Pb)
1000
Cadmium (Cd)
100
Mercury (Hg)
1000
Hexavalent Chromium (Cr6+)
1000
Poly Brominated Biphenyls (PBB)
1000
Poly Brominated Diphenyl ethers (PBDE)
1000
Bis(2-Ethylhexyl) phthalate (DEHP)
1000
Benzyl butyl phthalate (BBP)
1000
Dibutyl phthalate (DBP)
1000
Diisobutyl phthalate (DIBP)
1000
Exemptions: No exemptions are claimed.
Arduino Boards are fully compliant with the related requirements of European Union Regulation (EC) 1907 /2006
concerning the Registration, Evaluation, Authorization and Restriction of Chemicals (REACH). We declare none of the
SVHCs (https://echa.europa.eu/web/guest/candidate-list-table), the Candidate List of Substances of Very High
Concern for authorization currently released by ECHA, is present in all products (and also package) in quantities
totaling in a concentration equal or above 0.1%. To the best of our knowledge, we also declare that our products do
not contain any of the substances listed on the "Authorization List" (Annex XIV of the REACH regulations) and
Substances of Very High Concern (SVHC) in any significant amounts as specified by the Annex XVII of Candidate list
published by ECHA (European Chemical Agency) 1907 /2006/EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com