Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA158G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BA158G
Description  1.0 AMP. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BA158G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BA158G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BA158G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
BA157G - BA159G
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
DO-41
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss
Mechanical Data
Cases: DO-41 Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, Lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.34 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 o
C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
BA157G
BA158G
BA159G Units
Maximum Recurrent Peak Reverse Voltage
VRRM
400
600
1000
V
Maximum RMS Voltage
VRMS
280
420
700
V
Maximum DC Blocking Voltage
VDC
400
600
1000
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length @TA = 45
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=100
oC
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
nS
Typical Junction Capacitance ( Note 2 )
Cj
15
pF
Typical thermal Resistance (Note 3)
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - BA158G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA158G LRC-BA158G Datasheet
51Kb / 2P
FAST GPP DIODES
logo
Taiwan Semiconductor Co...
BA158G TSC-BA158G Datasheet
66Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
DAESAN ELECTRONIC CORP.
BA158G DAESAN-BA158G Datasheet
322Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
logo
Chongqing Pingwei Enter...
BA158G CHONGQING-BA158G Datasheet
38Kb / 1P
FAST RECOVERY PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BA158G GOOD-ARK-BA158G Datasheet
172Kb / 2P
Glass Passivated Fast Recovery Rectifiers Reverse Voltage 400 to 1000 Volts Forward Current 1.0 Ampere
More results

Similar Description - BA158G

ManufacturerPart #DatasheetDescription
logo
Bytes
FR101G BYTES-FR101G Datasheet
153Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4942G FORMOSA-1N4942G Datasheet
33Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
FR101GH FORMOSA-FR101GH Datasheet
61Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4933G TSC-1N4933G Datasheet
67Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
F1T1G TSC-F1T1G_1 Datasheet
263Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
UNIOHM CORPORATION
FR101G UNIOHM-FR101G Datasheet
66Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
1N4933G UNIOHM-1N4933G Datasheet
73Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
BA157G TSC-BA157G_10 Datasheet
543Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
F1T1G TSC-F1T1G_10 Datasheet
551Kb / 2P
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
logo
Nanjing International G...
RS1A DGNJDZ-RS1A Datasheet
132Kb / 2P
1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com