Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA159 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BA159
Description  1.0 AMP. Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BA159 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BA159 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BA159 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
BA157 - BA159
1.0 AMP. Fast Recovery Rectifiers
DO-41
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss.
Mechanical Data
Cases: DO-41 Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, Lead free.,
solderable per MIL-STD-202, Method
208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.34 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
BA157
BA158
BA159
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
400
600
1000
V
Maximum RMS Voltage
VRMS
280
420
700
V
Maximum DC Blocking Voltage
VDC
400
600
1000
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length @TA = 45
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
nS
Typical Junction Capacitance ( Note 2 )
Cj
10
pF
Typical Thermal Resistance
RθJA
65
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - BA159

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA159 PANJIT-BA159 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA159 TRSYS-BA159 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA159 WTE-BA159 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA159 SEMTECH-BA159 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA159 BYTES-BA159 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA159

ManufacturerPart #DatasheetDescription
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
1F1 GWSEMI-1F1 Datasheet
67Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
1F1 DGNJDZ-1F1 Datasheet
139Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
BA157-2C1A-2CDO-41 DGNJDZ-BA157-2C1A-2CDO-41 Datasheet
212Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
1N4942 DGNJDZ-1N4942 Datasheet
219Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com