Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103V8H6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32F103V8H6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103V8H6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32F103V8H6 Datasheet HTML 28Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 29Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 30Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 31Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 32Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 33Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 34Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 35Page - STMicroelectronics STM32F103V8H6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Electrical characteristics
STM32F103xx
32/67
Table 14.
Typical current consumption in Stop and Standby modes(1)
Symbol
Parameter
Conditions
VDD
Typ(2)
Unit
IDD
Supply current in
Stop mode
Regulator in Run mode,
Low-speed and high-speed internal RC
oscillators OFF
High-speed oscillator OFF (no
independent watchdog)
3.3 V
24
µA
2.4 V
TBD
Regulator in Low Power mode,
Low-speed and high-speed internal RC
oscillators OFF,
High-speed oscillator OFF (no
independent watchdog)
3.3 V
14(3)
2.4 V
TBD(3)
Supply current in
Standby mode(4)
Low-speed internal RC oscillator and
independent watchdog OFF
3.3 V
2(3)
µA
2.4 V
TBD(3)
Low-speed internal RC oscillator and
independent watchdog ON
3.3 V
3.1(3)
2.4 V
TBD(3)
Low-speed internal RC oscillator ON,
independent watchdog OFF
3.3 V
2.9(3)
2.4 V
TBD(3)
IDD_VBAT
Backup domain
supply current
Low-speed oscillator and RTC ON
3.3 V
1.4(3)
µA
2.4 V
1(3)
Low-speed oscillator OFF, RTC ON
3.3 V
0.5(3)
2.4 V
TBD(3)
1.
TBD stands for to be determined.
2.
Typical values are measures at TA = 25 °C, VDD = 3.3 V.
3.
Values expected for next silicon revision.
4.
To obtain Standby consumption with RTC ON, add IDD_VBAT (Low-speed oscillator and RTC ON) to IDD
Standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com