Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS20
Description  Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS20 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 828 -
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)
BAS19 / BAS20 / BAS21
Surface Mount Fast Switching Diode
Voltage Range
100/150/200 Volts
250m Watts Power Dissipation
Features
Fast switching speed
Surface mount package ideally suited for
automatic insertion
For general purpose switching applications
High conductance
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: See diagram
BAS19 Marking: A8
BAS20 Marking: A81
BAS21 Marking: A82
Weight: 0.008 gram (approx.
)
SOT-23
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
BAS19 BAS20 BAS21
Units
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectifier Output Current (Note 1)
Io
200
mA
Non-Repetitive Peak Forward Surge Current
@ t=1.0uS
@ t=1.0S
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation (Note 1)
Pd
250
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
R
θJA
500
K/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Forward Voltage
IF=100mA
IF= 200mA
VF
-
1.0
1.25
V
Peak Reverse Current
Tj=25
Tj=100
IR
-
100
15
nA
uA
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
5.0
pF
Reverse Recovery Time (Note 2)
trr
-
50
nS
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Reverse Recovery Test Conditions: IF=IR=10mA, Irr=0.1 x IR, RL=100
Ω.


Similar Part No. - BAS20

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS20 PANJIT-BAS20 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS20 PHILIPS-BAS20 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS20 VISHAY-BAS20 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS20 TRSYS-BAS20 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS20 ZETEX-BAS20 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results

Similar Description - BAS20

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com