Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03RBT6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # 03RBT6
Description  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

03RBT6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button 03RBT6 Datasheet HTML 35Page - STMicroelectronics 03RBT6 Datasheet HTML 36Page - STMicroelectronics 03RBT6 Datasheet HTML 37Page - STMicroelectronics 03RBT6 Datasheet HTML 38Page - STMicroelectronics 03RBT6 Datasheet HTML 39Page - STMicroelectronics 03RBT6 Datasheet HTML 40Page - STMicroelectronics 03RBT6 Datasheet HTML 41Page - STMicroelectronics 03RBT6 Datasheet HTML 42Page - STMicroelectronics 03RBT6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
STM32F103xx
Electrical characteristics
39/67
5.3.9
Memory characteristics
Flash memory
The characteristics are given at TA = −40 to 105 °C unless otherwise specified.
Table 24.
Flash memory endurance and data retention
Table 23.
Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
1.
Values based on characterization and not tested in production.
Unit
tprog
Word programming time
TA = −40 to +105 °C
20
40
µs
tERASE
Page (1kB) erase time
TA = −40 to +105 °C
20
40
ms
tME
Mass erase time
TA = −40 to +105 °C
20
40
ms
IDD
Supply current
Read mode
fHCLK = 72 MHz with
2 wait states,
VDD = 3.3 V
20
mA
Write / Erase modes
fHCLK = 72 MHz,
VDD = 3.3 V
5mA
Power-down mode /
HALT,
VDD = 3.0 to 3.6 V
50
µA
Symbol
Parameter
Conditions
Value
Unit
Min(1)
1.
Values based on characterization not tested in production.
Typ
Max
NEND
Endurance
1
10
kcycles
tRET
Data retention
TA = 85 °C
30
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com