Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP162 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # TIP162
Description  NPN SILICON POWER DARLINGTONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP162 Datasheet(HTML) 1 Page - Power Innovations Ltd

  TIP162 Datasheet HTML 1Page - Power Innovations Ltd TIP162 Datasheet HTML 2Page - Power Innovations Ltd TIP162 Datasheet HTML 3Page - Power Innovations Ltd TIP162 Datasheet HTML 4Page - Power Innovations Ltd TIP162 Datasheet HTML 5Page - Power Innovations Ltd TIP162 Datasheet HTML 6Page - Power Innovations Ltd TIP162 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TIP160, TIP161, TIP162
NPN SILICON POWER DARLINGTONS
PRODUCT
INFORMATION
1
JUNE 1973 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
50 W at 25°C Case Temperature
q
10 A Continuous Collector Current
q
15 A Peak Collector Current
q
Maximum VCE(sat) of 2.8 V at IC = 6.5 A
q
ICEX(sus) 7 A at rated V(BR)CEO
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAA
B
C
E
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 10 ms, duty cycle ≤ 10%.
2. This value applies to the total collector-terminal current when the collector is at negative potential with respect to the emitter.
3. Derate linearly to 150°C case temperature at the rate of 0.4 W/°C.
4. Derate linearly to 150°C free air temperature at the rate of 24 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIP160
TIP161
TIP162
VCBO
320
350
380
V
Collector-emitter voltage (IB = 0)
TIP160
TIP161
TIP162
VCEO
320
350
380
V
Emitter-base voltage
VEBO
5
V
Continuous collector current
IC
10
A
Peak collector current (see Note 1)
ICM
15
A
Peak commutating anti-parallel diode current (IB = 0) (see Note 2)
IEM
10
A
Continuous base current
IB
1
A
Continuous device dissipation at (or below) 100°C case temperature (see Note 3)
Ptot
50
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 4)
Ptot
3
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
260
°C


Similar Part No. - TIP162

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP162 MOSPEC-TIP162 Datasheet
143Kb / 3P
POWER TRANSISTORS(10A,320-380V,125W)
logo
Transys Electronics
TIP162 TRSYS-TIP162 Datasheet
453Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
TIP162 SAVANTIC-TIP162 Datasheet
145Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP162 ISC-TIP162 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
TIP162 NJSEMI-TIP162 Datasheet
76Kb / 2P
Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP162

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
NPN SILICON POWER DARLINGTONS
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
NPN SILICON POWER DARLINGTONS
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
NPN SILICON POWER DARLINGTONS
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
NPN SILICON POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com