Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR201G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR201G
Description  2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR201G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR201G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR201G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 444 -
FR201G THRU FR207G
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
2.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
FR
201G
FR
202G
FR
203G
FR
204G
FR
205G
FR
206G
FR
207G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
℃
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
55
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.3
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
20
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
60
O
C/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - FR201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR201G RECTRON-FR201G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR201G JGD-FR201G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR201G BYTES-FR201G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR201G CHENYI-FR201G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR201G DCCOM-FR201G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR201G JGD-FR201G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
SF21G JGD-SF21G Datasheet
162Kb / 2P
2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
FR201G TSC-FR201G Datasheet
250Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
RGP20A TSC-RGP20A Datasheet
72Kb / 2P
2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
SF21G TSC-SF21G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF21G TSC-SF21G_1 Datasheet
257Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
UG2D TSC-UG2D Datasheet
548Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
FR201G TSC-FR201G_10 Datasheet
551Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
RL201G DYELEC-RL201G Datasheet
893Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com