Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUSP-R80-15-2500-TH Datasheet(PDF) 1 Page - Same Sky Devices

Part # CUSP-R80-15-2500-TH
Description  ULTRASONIC SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CUSP-R80-15-2500-TH Datasheet(HTML) 1 Page - Same Sky Devices

  CUSP-R80-15-2500-TH Datasheet HTML 1Page - Same Sky Devices CUSP-R80-15-2500-TH Datasheet HTML 2Page - Same Sky Devices CUSP-R80-15-2500-TH Datasheet HTML 3Page - Same Sky Devices CUSP-R80-15-2500-TH Datasheet HTML 4Page - Same Sky Devices CUSP-R80-15-2500-TH Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 09/12/2024
page 1 of 5
MODEL: CUSP-R80-15-2500-TH | DESCRIPTION: ULTRASONIC SENSOR
sameskydevices.com
FEATURES
• plastic can
• open type
• receiver
• sensitivity -75 dBV
• detectable range 15 meters
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
type
receiver
operating voltage
at 39 kHz
80
Vp-p
frequency
38
39
40
kHz
sensitivity
-75
dBV/
µMbar
directivity
80
degree
capacitance
at 1 kHz
1,875
2,500
3,125
pF
detectable range
0.2
15
m
dimensions
Ø9.8 x 7.0
mm
material
ABS
terminal
pins (iron with tin plating)
weight
0.58
g
operating temperature
-20
80
°C
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3 ± 0.5 seconds
370
380
390
°C
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | PCB Footprint


Similar Part No. - CUSP-R80-15-2500-TH

ManufacturerPart #DatasheetDescription
logo
CUI INC
CUSP-R80-15-2500-TH CUI-CUSP-R80-15-2500-TH Datasheet
553Kb / 5P
ULTRASONIC SENSOR
12/02/2020
More results

Similar Description - CUSP-R80-15-2500-TH

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
UC6000-30GM-2EP-IO-V15 PF-UC6000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
Ultrasonic sensor
UC6000-30GM70-IE2R2-V15 PF-UC6000-30GM70-IE2R2-V15 Datasheet
1Mb / 6P
Ultrasonic sensor
UC6000-30GM70S-IE2R2-V15 PF-UC6000-30GM70S-IE2R2-V15 Datasheet
881Kb / 6P
Ultrasonic sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com