Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER201G
Description  2.0 AMPS. Glass Passivated High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER201G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER201G_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER201G_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HER201G - HER208G
2.0 AMPS. Glass Passivated High Efficient Rectifiers
DO-15
Features
Glass passivated chip junction.
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Case: Molded plastic DO-15
Epoxy: UL 94V0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
201G
HER
202G
HER
203G
HER
204G
HER
205G
HER
206G
HER
207G
HER
208G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
35
20
pF
Typical Thermal Resistance
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - HER201G_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER201G TSC-HER201G_10 Datasheet
586Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
HER201G MCC-HER201G_11 Datasheet
245Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_13 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HER201G TSC-HER201G_14 Datasheet
379Kb / 4P
Glass Passivated High Efficient Rectifiers
logo
Leshan Radio Company
HER201G LRC-HER201G_15 Datasheet
208Kb / 7P
Glass Passivated Junction
More results

Similar Description - HER201G_1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
10.0 AMPS. Glass Passivated High Efficient Rectifiers
HER0801G TSC-HER0801G Datasheet
109Kb / 2P
8.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G Datasheet
56Kb / 2P
8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_1 Datasheet
179Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_1 Datasheet
245Kb / 2P
1.0 AMPS. Glass Passivated High Efficient Rectifiers
EGP20A TSC-EGP20A Datasheet
70Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G_10 Datasheet
586Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G_10 Datasheet
604Kb / 2P
10.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com