Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

480.310 Datasheet(PDF) 1 Page - France Joint

Part # 480.310
Description  WIPER SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

480.310 Datasheet(HTML) 1 Page - France Joint

  480.310 Datasheet HTML 1Page - France Joint 480.310 Datasheet HTML 2Page - France Joint 480.310 Datasheet HTML 3Page - France Joint 480.310 Datasheet HTML 4Page - France Joint 480.310 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The BECA 480 profile is a
composite wiper seal composed
of a filled PTFE friction ring and a
pre-tightened rubber O'Ring.
ADVANTAGES
Low friction coefficient;
no stick-slip effect
Wide temperature range and excellent
chemical resistance, depending
on the materials selected
Excellent abrasion and wear resistance
Very good wiping effect against
external pollutions
APPLICATIONS
Agro-food
Machine tools
Hydraulic cylinders
Fluid technologies
MATERIALS
Friction ring
Bronze-filled PTFE
Carbon-filled PTFE
Blue GL PTFE
O'Ring
NBR 70 Shore A
FKM 70 Shore A
Other grades of materials are
available. Please refer to the
materials table on the next page.
TECHNICAL DATA
Temperature
-30°C / +200°C
Speed
5 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.05 - 0.2 µm
≤1.6 µm
≤3.2 µm
Rz
0.4 - 1.6 µm
≤6.3 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤10.0 µm
≤16.0 µm
RADIUS
Radial section
S
Radius
R1
Radius
R2
2.40
0.20
0.40
3.40
0.20
0.80
4.40
0.20
1.00
6.10
0.20
1.50
8.00
0.20
1.50
CHAMFER
The chamfer length as well as the chamfer angle are determined by the rod seal.
WIPER SEALS
BECA 480
HYDRAULIC SEALS | WIPER SEALS |
BECA 480


Similar Part No. - 480.310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
480 OSCILENT-480 Datasheet
150Kb / 3P
HCMOS / TTL Output
logo
Adafruit Industries
480 ADAFRUIT-480 Datasheet
1Mb / 2P
Small Arcade Joystick
6-14-17
logo
Mill-Max Mfg. Corp.
480-10-102-00-001000 MILL-MAX-480-10-102-00-001000 Datasheet
211Kb / 1P
INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
480-10-164-00-001000 MILL-MAX-480-10-164-00-001000 Datasheet
211Kb / 1P
INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
More results

Similar Description - 480.310

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JA3502 HONGFA-JA3502 Datasheet
37Kb / 1P
WIPER CONTROLLER
JA3504 HONGFA-JA3504 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507 HONGFA-JA3507 Datasheet
38Kb / 1P
WIPER CONTROLLER
JA3507A HONGFA-JA3507A Datasheet
39Kb / 1P
WIPER CONTROLLER
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
2350 ETC2-2350 Datasheet
134Kb / 2P
TechClean Wiper
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Hongfa Technology
HF3606 HONGFA-HF3606 Datasheet
61Kb / 3P
WIPER CONTROLLER
HF3504 HONGFA-HF3504 Datasheet
54Kb / 2P
WIPER INTERMITTENT CONTROLLER
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com