Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1514X Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # R1514X
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514X Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button R1514X Datasheet HTML 9Page - RICOH electronics devices division R1514X Datasheet HTML 10Page - RICOH electronics devices division R1514X Datasheet HTML 11Page - RICOH electronics devices division R1514X Datasheet HTML 12Page - RICOH electronics devices division R1514X Datasheet HTML 13Page - RICOH electronics devices division R1514X Datasheet HTML 14Page - RICOH electronics devices division R1514X Datasheet HTML 15Page - RICOH electronics devices division R1514X Datasheet HTML 16Page - RICOH electronics devices division R1514X Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
R1514x
13
7) Input Transient Response (IOUT
=1mA, tr=tf=50µs, C2=Ceramic 0.1µF, Topt=25°C)
R1514x020B
R1514x030B
45
2
03
16
Time t (ms)
15
10
5
0
0
4
2
Input Voltage
Output Voltage
45
2
03
16
Time t (ms)
15
10
5
0
1
5
3
Input Voltage
Output Voltage
R1514x050B
R1514x090B
45
2
03
16
Time t (ms)
15
10
5
0
3
7
5
Input Voltage
Output Voltage
45
2
03
16
Time t (ms)
20
15
10
5
7
11
9
Input Voltage
Output Voltage
8) Load Transient Response (C2
= Ceramic 0.1µF, Topt=25°C)
45
2
03
16
Time t (ms)
R1514x020B
30
20
10
0
0
4
2
VIN=5.0V
tr=tf=50
µs
Output Voltage
Output Current
1mA
20mA
45
2
03
16
Time t (ms)
30
20
10
0
1
5
3
VIN=6.0V
tr=tf=50
µs
Output Voltage
Output Current
1mA
20mA
R1514x030B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com