Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36A Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # TIP36A
Description  PNP SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP36A Datasheet(HTML) 2 Page - Power Innovations Ltd

  TIP36A Datasheet HTML 1Page - Power Innovations Ltd TIP36A Datasheet HTML 2Page - Power Innovations Ltd TIP36A Datasheet HTML 3Page - Power Innovations Ltd TIP36A Datasheet HTML 4Page - Power Innovations Ltd TIP36A Datasheet HTML 5Page - Power Innovations Ltd TIP36A Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP36, TIP36A, TIP36B, TIP36C
PNP SILICON POWER TRANSISTORS
2
JULY 1968 - REVISED MARCH 1997
PRODUCT
INFORMATION
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
† Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter
breakdown voltage
IC = -30 mA
(see Note 5)
IB = 0
TIP36
TIP36A
TIP36B
TIP36C
-40
-60
-80
-100
V
ICES
Collector-emitter
cut-off current
VCE = -80 V
VCE = -100 V
VCE = -120 V
VCE = -140 V
VBE = 0
VBE = 0
VBE = 0
VBE = 0
TIP36
TIP36A
TIP36B
TIP36C
-0.7
-0.7
-0.7
-0.7
mA
ICEO
Collector cut-off
current
VCE = -30 V
VCE = -60 V
IB = 0
IB = 0
TIP36/36A
TIP36B/36C
-1
-1
mA
IEBO
Emitter cut-off
current
VEB =
-5 V
IC = 0
-1
mA
hFE
Forward current
transfer ratio
VCE =
-4 V
VCE =
-4 V
IC = -1.5 A
IC = -15 A
(see Notes 5 and 6)
25
10
50
VCE(sat)
Collector-emitter
saturation voltage
IB =
-1.5 A
IB =
-5 A
IC = -15 A
IC = -25 A
(see Notes 5 and 6)
-1.8
-4
V
VBE
Base-emitter
voltage
VCE =
-4 V
VCE =
-4 V
IC = -15 A
IC = -25 A
(see Notes 5 and 6)
-2
-4
V
hfe
Small signal forward
current transfer ratio
VCE = -10 V
IC =
-1 A
f = 1 kHz
25
|h
fe|
Small signal forward
current transfer ratio
VCE = -10 V
IC =
-1 A
f = 1 MHz
3
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1
°C/W
RθJA
Junction to free air thermal resistance
35.7
°C/W
resistive-load-switching characteristics at 25°C case temperature
PARAMETER
TEST CONDITIONS
†
MIN
TYP
MAX
UNIT
ton
Turn-on time
IC = -15 A
VBE(off) = 4.15 V
IB(on) = -1.5 A
RL = 2 Ω
IB(off) = 1.5 A
tp = 20 µs, dc ≤ 2%
1.1
µs
toff
Turn-off time
0.8
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com