Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER3003PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER3003PT
Description  30.0 AMPS. Glass Passivated High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER3003PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER3003PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER3003PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
HER3001PT - HER3008PT
30.0 AMPS. Glass Passivated High Efficient Rectifiers
TO-3P/TO-247AD
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC, 0.16”(4.06mm)from case for 10 seconds
Mechanical Data
Cases: TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free solderable per
MIL-STD-750. Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 10in-lbs. Max.
Weight: 0.2 ounce, 5.6 grams
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
3001PT
HER
3002PT
HER
3003PT
HER
3004PT
HER
3005PT
HER
3006PT
HER
3007PT
HER
3008PT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current @TC =100
℃
I(AV)
30
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
300
A
Maximum Instantaneous Forward Voltage
@15.0A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TC=25
oC at Rated DC Blocking Voltage
@ TC=125
oC
IR
10
500
uA
uA
Maximum Reverse Recovery Time ( Note 2 )
@TJ=25oC
Trr
50
80
nS
Typical Junction Capacitance ( Note 1 )
Cj
175
145
pF
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A
.


Similar Part No. - HER3003PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER3003PT WTE-HER3003PT Datasheet
50Kb / 3P
30A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
HER3003PT TSC-HER3003PT Datasheet
110Kb / 2P
30.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER3003PT YANGJIE-HER3003PT Datasheet
895Kb / 2P
30.0 AMPS. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER3003PT TSC-HER3003PT Datasheet
627Kb / 2P
30.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Thinki Semiconductor Co...
HER3003PT THINKISEMI-HER3003PT Datasheet
714Kb / 2P
30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
More results

Similar Description - HER3003PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER1001G TSC-HER1001G Datasheet
94Kb / 2P
10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA801G TSC-HERA801G Datasheet
56Kb / 2P
8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1601G TSC-HER1601G_1 Datasheet
179Kb / 2P
16.0 AMPS. Glass Passivated High Efficient Rectifiers
HER3001PT TSC-HER3001PT Datasheet
110Kb / 2P
30.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER3001PT YANGJIE-HER3001PT Datasheet
895Kb / 2P
30.0 AMPS. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER151G TSC-HER151G_10 Datasheet
568Kb / 2P
1.5 AMPS. Glass Passivated High Efficient Rectifiers
HER201G TSC-HER201G_10 Datasheet
586Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
HER1001G TSC-HER1001G_10 Datasheet
604Kb / 2P
10.0 AMPS. Glass Passivated High Efficient Rectifiers
HER3001PT TSC-HER3001PT_10 Datasheet
627Kb / 2P
30.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com