Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB847 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB847
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB847 Datasheet(HTML) 2 Page - Kingbright Corporation

  KB847 Datasheet HTML 1Page - Kingbright Corporation KB847 Datasheet HTML 2Page - Kingbright Corporation KB847 Datasheet HTML 3Page - Kingbright Corporation KB847 Datasheet HTML 4Page - Kingbright Corporation KB847 Datasheet HTML 5Page - Kingbright Corporation KB847 Datasheet HTML 6Page - Kingbright Corporation KB847 Datasheet HTML 7Page - Kingbright Corporation KB847 Datasheet HTML 8Page - Kingbright Corporation KB847 Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPEC NO: DSAD1552
REV NO: V.7
DATE: NOV/212005
PAGE: 2 OF 9
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.W.WANG
ERP:1205000027
PHOTOCOUPLER
P/N: KB847
****PACKAGE DIMENSIONS (UNIT:mm)
DIP Type
TOLERANCE :
±±±±0.5[±0
±0
±0
±0.02] UNLESS OTHERWISE NOTED.
****Absolute Maximum Ratings (Ta=25
°°°°CCCC))))
Parameter
Symbol
Rating
Unit
Input
Forward current
I
F
50
mA
Reverse voltage
V
R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V
C E O
35
V
Emitter-collector voltage
V
E C O
6V
Collector current
I
C
50
mA
Collector power dissipation
P
C
150
mW
Total power dissipation
Ptot
200
mW
*1 Isolation voltage
Viso
5000
Vrms
Operating temperature
Topr
-30~+100
°C
Storage temperature
Tstg
-55~+125
°C
*2 Soldering temperature
Tsol
260
°C
* 1 40 to 60% RH,AC for 1 minute.
* 2 For 10 seconds.
10, 12, 14, 16. Collector
9, 11, 13, 15. Emitter
0.5 [0.02] 0.1
2, 4, 6, 8. Cathode
1, 3, 5, 7. Anode
KB847
1.2 [0.047] 0.3
0.9 [0.035] 0.2
Anode
mark
1
19.82 [0.78]
8
2.54 [0.1] 0.25
Top View
16
9
0.25 [0.01] 0.1
θ
7.62 [0.3] 0.3
3
2
1
6
5
4
8
7
Internal connection
diagram
14
15
16
11
13 12
9
10
= 0 to 13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com