Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3EB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M3EB
Description  3 STATES ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M3EB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M3EB Datasheet HTML 1Page - List of Unclassifed Manufacturers M3EB Datasheet HTML 2Page - List of Unclassifed Manufacturers M3EB Datasheet HTML 3Page - List of Unclassifed Manufacturers M3EB Datasheet HTML 4Page - List of Unclassifed Manufacturers M3EB Datasheet HTML 5Page - List of Unclassifed Manufacturers M3EB Datasheet HTML 6Page - List of Unclassifed Manufacturers M3EB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
2004-03-02
3 STATES ENCODER
3
態編碼 IC
EN/DECODER
M3EB
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
GENERAL DESCRIPTION 功能敘述
The M3EB is a CMOS ASIC decoder. It will en-code 12 parallel input and serially transmit them to the output when D0 ~ D3
depressed. Paired with either M3D or M3DB. These address inputs are 3 states i.e. LOW(0)、OPEN(X)、HIGH(1).
FEATURES 產品特長
• Built-in IR carrier : suffix-I.
• Up to 310 =59,049 codes, “0”、”X”、”1” Tri-states.
• Single resistor oscillator.
• Data transmit over 30 second auto power off.
• 2 or 4 direct date transmit ( internal pull-low resistor ).
• M3EB-2:10 address,2 data.
• M3EB-4:8 address,4 data.
APPLICATIONS 產品應用
• Car/home alarm system, garage control etc..
BLOCK DIAGRAM 功能方塊圖
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
Oscillator
Control
Input
OSC
A0
A9
DOUT
Freq
Divider
Logic unit
Central
Output
Driver
Carrier
IR
Control
D0
D1


Similar Part No. - M3EB

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M3EB MOSDESIGN-M3EB Datasheet
152Kb / 1P
3-STATE 59,049 CODES 30 SECOND POWER OFF DIRECT DATA TRANSMIT
2008-10-03
More results

Similar Description - M3EB

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
3 RF ENCODER
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
3 RF ENCODER
logo
List of Unclassifed Man...
DM45026 ETC-DM45026 Datasheet
43Kb / 5P
3 STATES ENCODER
M1EA-S ETC1-M1EA-S Datasheet
50Kb / 6P
2 STATES ENCODER
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
3-STATE ENCODER / DECODER
M5E ETC1-M5E Datasheet
191Kb / 8P
3 STATES ENCODER
logo
National Semiconductor ...
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
8-3 Line Priority Encoder
logo
List of Unclassifed Man...
M318E ETC2-M318E Datasheet
142Kb / 5P
3 STATES ENCODER
logo
IC-Haus GmbH
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
3-BIT OPTO ENCODER
logo
MOSDESIGN SEMICONDUCTOR...
M1EA MOSDESIGN-M1EA Datasheet
164Kb / 3P
2 STATES EN/DECODER
2008-09-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com