Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3EB-2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M3EB-2
Description  3 STATES ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M3EB-2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M3EB-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3EB-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers M3EB-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers M3EB-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers M3EB-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers M3EB-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers M3EB-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
2004-03-02
3 STATES ENCODER
3
態編碼 IC
EN/DECODER
M3EB
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
TIMING WAVEFORM
(1) Bit format
(2) TIMING DIAGRAM
"0"
"OPEN"
1
64 65
192
256
OSC
320
448
512
192 CLOCKS
"1"
64 CLOCKS
64 CLOCKS
64 CLOCKS
192 CLOCKS
192 CLOCKS
64 CLOCKS
192 CLOCKS
192 CLOCKS
64 CLOCKS
192 CLOCKS
64 CLOCKS
191
321
447
D0~D3
( M3E,-H )
1st word
12 Bits
SYNC
( M3E,-L )
DO
TE
4 Bits
2nd word
4th word
SYNC
D0~D3
2
7
12
17
50
150
250
350
450
550
VDD ( Volt )
180K
200K
240K
300K
360K
470K
560K
680K
750K
820K
910K
M3EB F-V CURVE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com