Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3EB-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M3EB-4
Description  3 STATES ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M3EB-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M3EB-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers M3EB-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers M3EB-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers M3EB-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers M3EB-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers M3EB-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers M3EB-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
2004-03-02
3 STATES ENCODER
3
態編碼 IC
EN/DECODER
M3EB
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
ABSOLUTE MAXIMUM RATING
(TA=25℃)
Parameter
Rating
Unit
Supply Voltage
-0.3 to 15
V
Input Voltage
-0.2~V
DD +0.2
V
Operating Temperature
-20 to 75
℃
Storage Temperature
-50 to 125
℃
ELECTRICAL CHARACTERISTICS
Characteristics
Sym.
Min.
Typ.
Max.
Unit
Conditions
Operating Voltage
V
DD
2.4
─
15
V
Quiescent Current
I
SB
─
0.1
1
μA
Operating Current
I
OP
─
0.1
0.5
mA
No load
Output Drive Current
I
O
─
2
─
mA
@V
DS=1.2V
V
IH
V
DD –0.2
V
DD
V
DD
Input Voltage
V
IL
V
SS
V
SS
V
SS +0.2
V
Oscillator Frequency
Fosc
─
76
─
KHz
External±30%
PIN DESCRIPTION
No.
M3F
Description
1~8
A0~A7
3 states address inputs
9
VSS
Negative power supply
10~11
A8/D0,A9/D1 3 states address inputs
12~13
D2,D3
Direct data transmission enable
14
OSC
Oscillator input
15
DOUT
Data output
16
VDD
Positive power supply
M3EB
A0
VDD
DOUT
VSS
A1
A2
A3
A4
A5
A6
A7
OSC
A11 / D3
A10 / D2
A9 / D1
A8 / D0
1
16
8
9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com