Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C2550B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C2550B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C2550B Datasheet HTML 17Page - NXP Semiconductors SC16C2550B Datasheet HTML 18Page - NXP Semiconductors SC16C2550B Datasheet HTML 19Page - NXP Semiconductors SC16C2550B Datasheet HTML 20Page - NXP Semiconductors SC16C2550B Datasheet HTML 21Page - NXP Semiconductors SC16C2550B Datasheet HTML 22Page - NXP Semiconductors SC16C2550B Datasheet HTML 23Page - NXP Semiconductors SC16C2550B Datasheet HTML 24Page - NXP Semiconductors SC16C2550B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
SC16C2550B_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 15 February 2007
21 of 43
NXP Semiconductors
SC16C2550B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
Table 16.
LCR[2] stop bit length
LCR[2]
Word length (bits)
Stop bit length (bit times)
0
5, 6, 7, 8
1
15
11
⁄
2
1
6, 7, 8
2
Table 17.
LCR[1:0] word length
LCR[1]
LCR[0]
Word length (bits)
005
016
107
118
Table 18.
Modem Control Register bits description
Bit
Symbol
Description
7:5
MCR[7:5]
reserved; set to ‘0’
4
MCR[4]
Loop-back. Enable the local Loop-back mode (diagnostics). In this mode
the transmitter output (TX) and the receiver input (RX), CTS, DSR, CD and
RI are disconnected from the SC16C2550B I/O pins. Internally the modem
data and control pins are connected into a loop-back data configuration
(see Figure 7). In this mode, the receiver and transmitter interrupts remain
fully operational. The Modem Control Interrupts are also operational, but
the interrupts’ sources are switched to the lower four bits of the Modem
Control. Interrupts continue to be controlled by the IER register.
logic 0 = disable Loop-back mode (normal default condition)
logic 1 = enable local Loop-back mode (diagnostics)
3
MCR[3]
OP2/INT enable
logic 0 = forces INT (A, B) outputs to the 3-state mode and sets OP2 to a
logic 1 (normal default condition)
logic 1 = forces the INT (A, B outputs to the active mode and sets OP2 to
a logic 0
2
MCR[2]
(OP1). OP1A/OP1B are not available as an external signal in the
SC16C2550B. This bit is instead used in the Loop-back mode only. In the
Loop-back mode, this bit is used to write the state of the modem RI
interface signal.
1
MCR[1]
RTS
logic 0 = force RTS output to a logic 1 (normal default condition)
logic 1 = force RTS output to a logic 0
0
MCR[0]
DTR
logic 0 = force DTR output to a logic 1 (normal default condition)
logic 1 = force DTR output to a logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com