Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT8990FN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8990FN
Description  TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8990FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT8990FN Datasheet HTML 3Page - Texas Instruments SN74ACT8990FN Datasheet HTML 4Page - Texas Instruments SN74ACT8990FN Datasheet HTML 5Page - Texas Instruments SN74ACT8990FN Datasheet HTML 6Page - Texas Instruments SN74ACT8990FN Datasheet HTML 7Page - Texas Instruments SN74ACT8990FN Datasheet HTML 8Page - Texas Instruments SN74ACT8990FN Datasheet HTML 9Page - Texas Instruments SN74ACT8990FN Datasheet HTML 10Page - Texas Instruments SN74ACT8990FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN54ACT8990, SN74ACT8990
TEST-BUS CONTROLLERS
IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SCAS190E – JUNE 1990 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ACT8990
SN74ACT8990
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VCC =4 5V
IOH = –20 µA
4.4
4.4
4.4
VOH
VCC = 4.5 V
IOH = –8 mA
3.7
3.7
3.7
V
VOH
VCC =5 5V
IOH = –20 µA
5.4
5.4
5.4
V
VCC = 5.5 V
IOH = –8 mA
4.7
4.7
4.7
VOL
VCC = 4.5 V
IOL = 20 µA
0.1
0.1
0.1
V
VOL
CC
to 5.5 V
IOL = 8 mA
0.5
0.5
0.5
V
I
ADRS, RD,
WR, TCKI
VCC = 5.5 V,
VI = VCC or GND
±1
±1
±1
A
II
TDI, TOFF,
VCC =5 5V
VI = VCC
±1
±1
±1
µA
TDI, TOFF,
TRST
VCC = 5.5 V
VI = GND
–35
–70
–250
–35
–250
–35
–250
I
‡
INT, RDY, TCKO,
TDO, TMS
VCC = 5.5 V,
VO = VCC or GND
±10
±10
±10
A
IOZ‡
DATA,
VCC =5 5V
VO = VCC
±10
±10
±10
µA
,
TMS/EVENT
VCC = 5.5 V
VO = GND
–35
–70
–250
–35
–250
–35
–250
VCC = 5.5 V,
VI =VCC or GND
450*
450
450
µA
I
IO = 0,
VI = VCC or GND
450*
450
450
µA
ICC
VCC = 5.5 V,
CL = 50 pF
100
mA
fclock = 30 MHz
100
mA
Ci
VI = VCC or GND
5*
pF
Cio
VI = VCC or GND
9*
pF
Co
VI = VCC or GND
8*
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† Typical values are at VCC = 5 V.
‡ For I/O ports, the parameter IOZ includes the input leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com