Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC625LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC625LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC625LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC625LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC625LP5E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
14 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 116960 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3
1 Pin DC Connector
J4, J5
14 Pin DC Connector
C1 - C9
100 pF Capacitor, 0402 Pkg.
C11 - C12
1000 pF Capacitor, 0402 Pkg.
C14
2.2 μF Capacitor, CASEA Pkg.
R1
1.8 Ohm Resistor, 1206 Pkg.
L1
24 nH Inductor, 0603 Pkg.
U1
HMC625LP5(E) Variable Gain Amplifier
PCB [2]
116958 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC625LP5 / 625LP5E
v01.0907
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com